Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6261 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6261
Description  1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6261 Datasheet(HTML) 4 Page - Linear Technology

  LTC6261 Datasheet HTML 1Page - Linear Technology LTC6261 Datasheet HTML 2Page - Linear Technology LTC6261 Datasheet HTML 3Page - Linear Technology LTC6261 Datasheet HTML 4Page - Linear Technology LTC6261 Datasheet HTML 5Page - Linear Technology LTC6261 Datasheet HTML 6Page - Linear Technology LTC6261 Datasheet HTML 7Page - Linear Technology LTC6261 Datasheet HTML 8Page - Linear Technology LTC6261 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC6258/LTC6259/LTC6260
4
6258960fa
For more information www.linear.com/LTC6258
5V ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VSUPPLY = 5V, VCM = VOUT = VSUPPLY/2, CL = 10pF, VSHDN is unconnected.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
Input Capacitance
Differential
Common Mode
0.65
1.2
pF
pF
CMRR
Common Mode Rejection Ratio
VCM = 0.3V to 3.5V
VCM = –0.1V to 5.1V
l
l
66
64
95
95
dB
dB
IVR
Input Voltage Range
l
–0.1
5.1
V
PSRR
Power Supply Rejection Ratio
VCM = 0.4V, VS = 1.8V to 5.25V
l
78
68
90
dB
dB
Supply Voltage Range
l
1.8
5.25
V
AV
Large Signal Gain
VOUT = 0.5V to 4.5V, RLOAD = 100k
l
14
2.8
40
V/mV
V/mV
VOUT = 0.5V to 4.5V, RLOAD = 10k
l
3.5
0.5
10
V/mV
V/mV
VOL
Output Swing Low (Input Overdrive 30mV).
Measured from V–
No Load
l
12
40
50
mV
mV
ISINK = 100µA
l
80
105
120
mV
mV
ISINK = 1mA
l
145
180
250
mV
mV
VOH
Output Swing High (Input Overdrive 30mV).
Measured from V+
No Load
l
25
40
65
mV
mV
ISOURCE = 100µA
l
35
55
100
mV
mV
ISOURCE = 1mA
l
100
140
350
mV
mV
ISC
Output Short-Circuit Current
l
4
1
10
mA
mA
IS
Supply Current per Amplifier
l
16
11
20
23
25
µA
µA
Supply Current in Shutdown
l
4
5
7
µA
µA
ISHDN
Shutdown Pin Current
VSHDN = 0.6V
VSHDN = 1.5V
l
l
60
0
200
15
nA
nA
VIL
SHDN Input Low Voltage
Disable
l
0.6
V
VIH
SHDN Input High Voltage
Enable
l
1.5
V
tON
Turn-On Time
SHDN Toggle from 0V to 5V
152
µs
tOFF
Turn-Off Time
SHDN Toggle from 5V to 0V
7
µs
GBW
Gain-Bandwidth Product
f = 10kHz
l
1.0
0.4
1.3
MHz
MHz
tS
Settling Time, 0.5V to 4.5V, Unity Gain
0.1%
0.01%
14
18
µs
µs
SR
Slew Rate
AV = –1, VOUT = 0.5V to 4.5V, CLOAD = 10pF,
RF = RG = 10kΩ
l
0.2
0.1
0.24
V/µs
V/µs
FPBW
Full Power Bandwidth (Note 8)
4VP-P
20
kHz
THD+N
Total Harmonic Distortion and Noise
f = 500Hz, AV = 2, RL = 4kΩ, VOUTP-P = 1V
VIN = 2.25V to 2.75V
0.025
72
%
dB
ILEAK
Output Leakage Current in Shutdown
VSHDN = 0V, VOUT = 0V
VSHDN = 0V, VOUT = 5V
l
l
100
100
nA
nA
%MP
Large Signal Overshoot
VIN = 0.5V to 4.5V, AV = 1, CL = 100nF
2.7
%
EMIRR
Electromagnetic Interference Rejection Ratio
Input Power –10dB to Input Pins at 1GHz
45
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com