Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6261 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6261
Description  1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6261 Datasheet(HTML) 5 Page - Linear Technology

  LTC6261 Datasheet HTML 1Page - Linear Technology LTC6261 Datasheet HTML 2Page - Linear Technology LTC6261 Datasheet HTML 3Page - Linear Technology LTC6261 Datasheet HTML 4Page - Linear Technology LTC6261 Datasheet HTML 5Page - Linear Technology LTC6261 Datasheet HTML 6Page - Linear Technology LTC6261 Datasheet HTML 7Page - Linear Technology LTC6261 Datasheet HTML 8Page - Linear Technology LTC6261 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC6258/LTC6259/LTC6260
6258960fa
5
For more information www.linear.com/LTC6258
1.8V ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. VSUPPLY = 1.8V, VCM = VOUT = 0.4V, CL = 10pF, VSHDN is
unconnected.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V– + 0.3V
l
–400
–1000
100
400
1000
µV
µV
VCM = V+ – 0.3V
l
–400
–1000
100
400
1000
µV
µV
∆VOS/∆T Input Offset Voltage Drift
VCM = V– + 0.3V, V+ – 0.3V
1.5
µV/°C
IB
Input Bias Current (Note 7)
VCM = V– + 0.3V
l
–75
2
75
nA
VCM = V+ – 0.3V
l
–75
5
75
nA
IOS
Input Offset Current
VCM = V– + 0.3V
l
–75
2
75
nA
VCM = V+ – 0.3V
l
–75
2
75
nA
en
Input Voltage Noise Density
f = 1kHz, VCM = 0.4V
38
nV/√Hz
Input Noise Voltage
f = 0.1Hz to 10Hz
2
µVP-P
in
Input Current Noise Density
f = 1kHz, VCM = 0V to 0.8V
f = 1kHz, VCM = 1V to 1.8V
500
500
fA/√Hz
fA/√Hz
RIN
Input Resistance
Differential
Common Mode
1
10
MΩ
MΩ
CIN
Input Capacitance
Differential
Common Mode
0.65
1.2
pF
pF
CMRR
Common Mode Rejection Ratio
VCM = 0.2V to 1.6V
l
70
61
90
dB
dB
IVR
Input Voltage Range
l
–0.1
1.9
V
PSRR
Power Supply Rejection Ratio
VCM = 0.4V, VS = 1.8V to 5.25V
l
78
68
90
dB
dB
AV
Large Signal Gain
VOUT = 0.5V to 1.3V, RLOAD = 100k
l
15
1.6
50
V/mV
V/mV
VOUT = 0.5V to 1.3V, RLOAD = 10k
l
4
0.4
10
V/mV
V/mV
VOL
Output Swing Low (Input Overdrive 30mV),
Measured from V–
No Load
l
15
30
50
mV
mV
ISINK = 100µA
l
80
110
130
mV
mV
ISINK = 1mA
l
150
200
230
mV
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com