Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAY-T67F Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LAY-T67F
Description  white P-LCC-4 package, colorless clear resin
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAY-T67F Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LAY-T67F Datasheet HTML 2Page - OSRAM GmbH LAY-T67F Datasheet HTML 3Page - OSRAM GmbH LAY-T67F Datasheet HTML 4Page - OSRAM GmbH LAY-T67F Datasheet HTML 5Page - OSRAM GmbH LAY-T67F Datasheet HTML 6Page - OSRAM GmbH LAY-T67F Datasheet HTML 7Page - OSRAM GmbH LAY-T67F Datasheet HTML 8Page - OSRAM GmbH LAY-T67F Datasheet HTML 9Page - OSRAM GmbH LAY-T67F Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2012-03-16
6
LAY T67F
Relative spektrale Emission
2) Seite 15
Relative Spectral Emission
2) page 15
V( ) = spektrale Augenempfindlichkeit / Standard eye response curve
I
rel = f ( ), TS = 25 °C, IF = 50 mA
Abstrahlcharakteristik
2) Seite 15
Radiation Characteristic
2) page 15
I
rel = f (
);
T
S = 25 °C
OHL03643
400
0
20
40
60
80
100
450
500
550
600
650
700
nm
%
λ
Vλ
amber
rel
Ι
yellow
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
0˚
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
0˚
20˚
40˚
60˚
80˚
100˚
120˚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com