Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAY-T67F Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LAY-T67F
Description  white P-LCC-4 package, colorless clear resin
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAY-T67F Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LAY-T67F Datasheet HTML 3Page - OSRAM GmbH LAY-T67F Datasheet HTML 4Page - OSRAM GmbH LAY-T67F Datasheet HTML 5Page - OSRAM GmbH LAY-T67F Datasheet HTML 6Page - OSRAM GmbH LAY-T67F Datasheet HTML 7Page - OSRAM GmbH LAY-T67F Datasheet HTML 8Page - OSRAM GmbH LAY-T67F Datasheet HTML 9Page - OSRAM GmbH LAY-T67F Datasheet HTML 10Page - OSRAM GmbH LAY-T67F Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LAY T67F
2012-03-16
7
Durchlassstrom
2) Seite 15
Forward Current
2) page 15
I
F = f (VF); TS = 25 °C
Relative Vorwärtsspannung
2) Seite 16
Relative Forward Voltage
2) page 16
V
F = VF - VF(25 °C) = f(Tj); IF= 50 mA
Relative Lichtstärke
2) 7) Seite 15
Relative Luminous Intensity
2) 7) page 15
I
V/IV(50 mA) = f (IF); TS = 25 °C
Relative Lichtstärke
2) Seite 15
Relative Luminous Intensity
2) page 15
I
V/IV(25 °C) = f (TS); IF = 50 mA
OHL03644
mA
10
0
V
10
1
2
10
I
F
V
F
2.3
1.5
1.7
1.9
2.1
2.5
amber
yellow
OHL02667
T
F
V
j
-40
-0.2
-20
0
20 40
0.25
˚C
60
100
-60
V
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
Δ
I
F
OHL02669
0
10
10 12
10
10
-2
-1
10
10
0
1
10
mA
V
I
I
V (50 mA)
5
5
5
OHL03645
0
-40
˚C
T
(25 ˚C)
I
V
I
V
0.5
1.0
1.5
2.0
2.5
-20
0
20 40 60
100
j
-60
yellow
amber



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com