Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC902LP3E Datasheet(PDF) 5 Page - Analog Devices

Part # HMC902LP3E
Description  Low Noise Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC902LP3E Datasheet(HTML) 5 Page - Analog Devices

  HMC902LP3E Datasheet HTML 1Page - Analog Devices HMC902LP3E Datasheet HTML 2Page - Analog Devices HMC902LP3E Datasheet HTML 3Page - Analog Devices HMC902LP3E Datasheet HTML 4Page - Analog Devices HMC902LP3E Datasheet HTML 5Page - Analog Devices HMC902LP3E Datasheet HTML 6Page - Analog Devices HMC902LP3E Datasheet HTML 7Page - Analog Devices HMC902LP3E Datasheet HTML 8Page - Analog Devices HMC902LP3E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Data Sheet
HMC902LP3E
Rev. E | Page 5 of 13
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NIC
NIC
RFIN
GND
NIC
NIC
RFOUT
GND
GND
HMC902LP3E
TOP VIEW
(Not to Scale)
PACKAGE
BASE
12
11
10
9
1
3
4
2
NOTES
1. NIC = NOT INTERNALLY CONNECTED. HOWEVER, ALL DATA
SHOWN IN THIS DATA SHEET IS MEASURED WITH THESE
PINS CONNECTED TO RF/DC GROUND EXTERNALLY.
2. EXPOSED PAD. THE PACKAGE BOTTOM HAS AN EXPOSED
METAL GROUND PADDLE THAT MUST BE CONNECTED TO
RF/DC GROUND.
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 5, 8, 11 to
13, 16
NIC
Not Internally Connected. However, all data shown in this data sheet is measured with these pins
connected to RF/dc ground externally.
3
RFIN
RF Input. This pin is ac-coupled and matched to 50 Ω. See Figure 3 for the interface schematic.
4, 9
GND
Ground. Connect these pins to RF/dc ground. See Figure 4 for the interface schematic.
6, 7
VGG1, VGG2
Optional Gate Control for Amplifier. If left open, the amplifier runs self biased at the standard current.
Applying a negative voltage reduces drain current. External capacitors are required (see Figure 24). See
Figure 5 for the interface schematic.
10
RFOUT
RF Output. This pin is ac-coupled and matched to 50 Ω. See Figure 6 for the interface schematic.
14, 15
VDD2, VDD1
Power Supply Voltage for the Amplifier. See Figure 23 and Figure 24 for the application circuits. See Figure 7
for the interface schematic.
EPAD
Exposed Pad. The package bottom has an exposed metal ground paddle that must be connected to RF/dc
ground.
INTERFACE SCHEMATICS
RFIN
Figure 3. RFIN Interface Schematic
GND
Figure 4. GND Interface Schematic
VGG1, VGG2
Figure 5. VGG1 and VGG2 Interface Schematic
RFOUT
Figure 6. RFOUT Interface Schematic
VDD1,
VDD2
Figure 7. VDD1 and VDD2 Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com