Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC8410LP2FE Datasheet(PDF) 11 Page - Analog Devices

Part # HMC8410LP2FE
Description  Low Noise Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8410LP2FE Datasheet(HTML) 11 Page - Analog Devices

Back Button HMC8410LP2FE Datasheet HTML 7Page - Analog Devices HMC8410LP2FE Datasheet HTML 8Page - Analog Devices HMC8410LP2FE Datasheet HTML 9Page - Analog Devices HMC8410LP2FE Datasheet HTML 10Page - Analog Devices HMC8410LP2FE Datasheet HTML 11Page - Analog Devices HMC8410LP2FE Datasheet HTML 12Page - Analog Devices HMC8410LP2FE Datasheet HTML 13Page - Analog Devices HMC8410LP2FE Datasheet HTML 14Page - Analog Devices HMC8410LP2FE Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Data Sheet
HMC8410
Rev. A | Page 11 of 17
10
12
14
16
18
20
22
24
0
2
4
6
8
10
FREQUENCY (GHz)
2V
3V
4V
5V
6V
7V
Figure 30. P1dB vs. Frequency for Various Supply Voltages, IDQ = 65 mA
13
15
17
19
21
23
25
27
0
2
4
6
8
10
FREQUENCY (GHz)
2V
3V
4V
5V
6V
7V
Figure 31. PSAT vs. Frequency for Various Supply Voltages, IDQ = 65 mA
15
20
25
30
35
40
45
0
2
4
6
8
10
FREQUENCY (GHz)
2V
3V
4V
5V
6V
7V
Figure 32. Output IP3 vs. Frequency for Various Supply Voltages,
POUT/Tone = 5 dBm
0
10
20
30
40
50
60
70
80
90
–0.90 –0.85 –0.80 –0.75 –0.70 –0.65 –0.60
VGG1 (V)
–0.55 –0.50 –0.45
Figure 33. Supply Current (IDQ) vs. VGG1, VDD = 5 V,
Representative of a Typical Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com