Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCC2001 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HCC2001
Description  GENERAL PURPOSE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HCC2001 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HCC2001 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCC2001 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCC2001 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCC2001 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
1 / 4
HCC2001(NPN)
GENERAL PURPOSE TRANSISTOR
REPLACEMENT TYPE : 2SC2001
FEATURES
High h FE and Low VCE(sat)
HFE(IC=100mA) : 200(Typ) VCE(sat)(700mA): 0.2V (Typ)
MAXIMUM RATINGS (TA=25°C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
Parameter
Symbol Test conditions
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
VCBO
IC=100uA,IE=0
30
V
Collector-Emitter Breakdown Voltage
VCEO
IC=10mA,IB=0
25
V
Emitter-Base Breakdown Voltage
VEBO
IE=100uA,IC=0
5
V
Collector Cut-off Current
ICBO
VCB=30V,IE=0
0.1
μA
Collector Cut-off Current
ICEO
VCE=20V,IB=0
0.1
μA
Emitter Cut-off Current
IEBO
VEB=5V,IC=0
0.1
μA
DC Current Gain
hFE(1)
VCE=1V,IC=100mA
90
400
Collector-Emitter Saturation Voltage
VCE(sat)
IC=700mA,IB=70mA
0.6
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=700mA,IB=70mA
1.2
V
Transition Frequency
fT
VCE=6V,IC= 10mA,f=30MHz
50
MHz
CLASSIFICATION OF hFE
Rank
M
L
K
Range
90-180
135-270
200-400
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
5
V
Collector Current-Continuous
IC
700
mA
Collector Power Dissipation
PC
600
mW
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
-55-150
°C
TO-92
1:EMITTER 2:COLLECTOR 3:BASE


Similar Part No. - HCC2001

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
HCC2 DURATOOL-HCC2 Datasheet
112Kb / 1P
Screw Cover Cap
27/05/22 V1.0
logo
GUANGDONG HOTTECH INDUS...
HCC2120 HOTTECH-HCC2120 Datasheet
388Kb / 4P
GENERAL PURPOSE TRANSISTOR
logo
Power-One
HCC24-2.4-AG POWER-ONE-HCC24-2.4-AG Datasheet
478Kb / 9P
Linear Power Supplies Data Sheet
logo
OPTEK Technologies
HCC240 OPTEK-HCC240 Datasheet
168Kb / 2P
Sur face Mount Op ti cally Cou pled Iso la tor Types HCC240, HCC242, TX, TXV, ESA- XN
logo
TT Electronics.
HCC240 TTELEC-HCC240 Datasheet
552Kb / 2P
Surface Mount Optically Coupled Isolator
More results

Similar Description - HCC2001

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com