Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCC2001 Datasheet(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HCC2001
Description  GENERAL PURPOSE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HCC2001 Datasheet(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HCC2001 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCC2001 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCC2001 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCC2001 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
2 / 4
HCC2001(NPN)
GENERAL PURPOSE TRANSISTOR
Typical Characteristics
0.1
1
10
1
10
100
0
25
50
75
100
125
150
0
150
300
450
600
750
200
400
600
800
1000
1200
0.1
1
10
100
1
10
100
10
100
1000
0.1
1
10
100
10
100
1000
0.0
0.5
1.0
1.5
2.0
2.5
0
30
60
90
120
150
0.1
1
10
100
200
400
600
800
1000
1200
0.1
1
10
100
10
100
1000
C
ob
C
ib
f=1MHz
I
E
=0/ I
C
=0
Ta=25
oC
REVERSE VOLTAGE
V
(V)
20
V
CB
/ V
EB
C
ob
/ C
ib
——
AMBIENT TEMPERATURE
Ta
(
)
℃
Pc
——
Ta
700
T
a
=25℃
T
a
=100℃
COMMON EMITTER
V
CE
=1V
BASE-EMITER VOLTAGE
V
BE
(mV)
f
T
——
V
BE
I
C
——
COMMON EMITTER
V
CE
=6V
T
a
=25
oC
COLLECTOR CURRENT
I
C
(mA)
COMMON EMITTER
V
CE
=1V
Ta=25
oC
Ta=100
oC
I
C
COLLECTOR CURRENT
I
C
(mA)
700
Static Characteristic
COMMON EMITTER
T
a
=25℃
500uA
450uA
400uA
350uA
300uA
250uA
200uA
150uA
100uA
I
B
=50uA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
I
C
700
β=10
Ta=100℃
Ta=25℃
I
C
V
BEsat
——
COLLECTOR CURRENT
I
C
(mA)
h
FE
——
700
Ta=100℃
Ta=25℃
β=10
I
C
V
CEsat
——
COLLECTOR CURRENT
I
C
(mA)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com