Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP9928GF Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP9928GF
Description  60V Current Mode, Synchronous Step-Down Controller Evaluation Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9928GF Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP9928GF Datasheet HTML 1Page - Monolithic Power Systems MP9928GF Datasheet HTML 2Page - Monolithic Power Systems MP9928GF Datasheet HTML 3Page - Monolithic Power Systems MP9928GF Datasheet HTML 4Page - Monolithic Power Systems MP9928GF Datasheet HTML 5Page - Monolithic Power Systems MP9928GF Datasheet HTML 6Page - Monolithic Power Systems MP9928GF Datasheet HTML 7Page - Monolithic Power Systems MP9928GF Datasheet HTML 8Page - Monolithic Power Systems MP9928GF Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
EV9928-F-00B
—SYNCHRONOUS STEP DOWN CONTROLLER EV BOARD
EV9928-F-00B Rev. 1.01
www.MonolithicPower.com
4
11/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EV9928-F-00B BILL OF MATERIALS (continued)
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
1
R7
0.007
Film Resistor;1%;1W
2512
CYNTEC
RL3264-6-R007-FN
1
R8
63.4k
Film Resistor;1%
0603
ROYAL
RC0603FR-0763K4L
1
R9
12k
Film Resistor;1%
0603
ROYAL
RC0603FR-0712KL
1
R13
2.2
Film Resistor;1%
0603
ROYAL
RC0603FR-072R2L
1
R14
10
Film Resistor;1%
0805
ROYAL
RC0805JR-0710RL
1
R16
1M
Film Resistor;1%
0603
ROYAL
RC0603FR-071ML
1
R18
10
Film Resistor;1%
0603
ROYAL
RC0603FR-0710RL
1
U1
MP9928GF
Synchronous Step-Down
Controller
TSSOP20-
EP
MPS
MP9928GF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com