Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP9928GF Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP9928GF
Description  60V Current Mode, Synchronous Step-Down Controller Evaluation Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9928GF Datasheet(HTML) 9 Page - Monolithic Power Systems

  MP9928GF Datasheet HTML 1Page - Monolithic Power Systems MP9928GF Datasheet HTML 2Page - Monolithic Power Systems MP9928GF Datasheet HTML 3Page - Monolithic Power Systems MP9928GF Datasheet HTML 4Page - Monolithic Power Systems MP9928GF Datasheet HTML 5Page - Monolithic Power Systems MP9928GF Datasheet HTML 6Page - Monolithic Power Systems MP9928GF Datasheet HTML 7Page - Monolithic Power Systems MP9928GF Datasheet HTML 8Page - Monolithic Power Systems MP9928GF Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
EV9928-F-00B
—SYNCHRONOUS STEP DOWN CONTROLLER EV BOARD
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV9928-F-00B Rev. 1.01
www.MonolithicPower.com
9
11/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
QUICK START GUIDE
The output voltage of this board is set to 5V. The board layout accommodates most commonly used
components.
1. Preset Power Supply to 6V
≤ VIN ≤ 60V.
2. Turn Power Supply off.
3. Connect Power Supply terminals to:
a. Positive (+): VIN
b. Negative (
–): GND
4. Connect Load to:
a. Positive (+): VOUT
b. Negative (
–): GND
5. The MP9928 is enabled on the evaluation board once VIN is applied.
6. Turn Power Supply on after making connections, the MP9928 will startup automatically.
7. To use the Enable function, apply a digital input to the EN pin. Drive EN higher than 1.3V to turn
on EV9928-F-00B or less than 1V to turn it off.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com