Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MNLM136A Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MNLM136A
Description  2.5V REFERENCE DIODE, GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MNLM136A Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MNLM136A Datasheet HTML 1Page - National Semiconductor (TI) MNLM136A Datasheet HTML 2Page - National Semiconductor (TI) MNLM136A Datasheet HTML 3Page - National Semiconductor (TI) MNLM136A Datasheet HTML 4Page - National Semiconductor (TI) MNLM136A Datasheet HTML 5Page - National Semiconductor (TI) MNLM136A Datasheet HTML 6Page - National Semiconductor (TI) MNLM136A Datasheet HTML 7Page - National Semiconductor (TI) MNLM136A Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MNLM136A-2.5-X-RH REV 0E0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS: (SEE NOTE 3)
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
Iz = 1mA
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Iadj
Adjust Current
Vadj = 0.7V
3
-125
+125
uA
1, 2,
3
Delta Z
Delta Zener
Voltage
400 uA < Z < 10mA
3
6
mV
1
3
10
mV
2, 3
Vz
Zener Voltage
Vadj = Open
3
2.465
2.515
V
1
3
2.44
2.54
V
2, 3
Vadj = 0.7V
3
2.39
2.49
V
1
3
2.29
2.49
V
2, 3
Vadj = 1.9V
3
2.49
2.69
V
1, 2,
3
Zrd
Reverse Dynamic
Impedance
1, 3
0.6
Ohm
1
1, 3
1
Ohm
2, 3
Vstab
Temp Stability
Vz = Adjusted to 2.490V
2, 3
18
mV
2, 3
DC PARAMETERS: DRIFT VALUES, (SEE NOTE 3)
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
"Delta Calculation Performed on QMLV devices at Group B, Subgroup 5 ONLY"
Vz
Zener Voltage
Vadj = Open
3
-10
10
mV
1
Vadj = 0.7V
3
-10
10
mV
1
Vadj = 1.9V
3
-10
10
mV
1
Note 1:
Parameter tested go-no-go only.
Note 2:
Tested on Auto Drift Oven.
Note 3:
Pre and post irradiation limits are identical to those listed under AC and DC
electrical characteristics. These parts may be dose rate sensitive in a space
environment and may demonstrate enhanced low dose rate effect. Radiation end point
limits for the noted parameters are guaranteed only for the conditions as spectified
in MIL-STD-883, Method 1019.5.
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com