Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MNLM136A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MNLM136A
Description  2.5V REFERENCE DIODE, GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MNLM136A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MNLM136A Datasheet HTML 1Page - National Semiconductor (TI) MNLM136A Datasheet HTML 2Page - National Semiconductor (TI) MNLM136A Datasheet HTML 3Page - National Semiconductor (TI) MNLM136A Datasheet HTML 4Page - National Semiconductor (TI) MNLM136A Datasheet HTML 5Page - National Semiconductor (TI) MNLM136A Datasheet HTML 6Page - National Semiconductor (TI) MNLM136A Datasheet HTML 7Page - National Semiconductor (TI) MNLM136A Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Original Creation Date: 12/03/99
Last Update Date: 02/13/03
Last Major Revision Date:
MNLM136A-2.5-X-RH REV 0E0
MICROCIRCUIT DATA SHEET
2.5V REFERENCE DIODE, GUARANTEED TO 100K RAD(Si)
TESTED TO MIL-STD-883, METHOD 1019.5
General Description
The LM136A-2.5 integrated circuit is a precision 2.5V shunt regulator diode. This
monolithic IC voltage reference operates as a low-temperature-coefficient 2.5V zener with
0.2 Ohms dynamic impedance. A third terminal on the LM136A-2.5 allows the reference
voltage and temperature coefficient to be trimmed easily.
The LM136A-2.5 is useful as a precision 2.5V low voltage reference for digital voltmeters,
power supplies or op amp circuitry.
The 2.5V makes it convenient to obtain a stable
reference from 5V logic supplies.
Further, since the LM136A-2.5 operates as a shunt
regulator, it can be used as either a positive or negative voltage reference.
NS Part Numbers
LM136AH-2.5-SMD
LM136AH-2.5/883
LM136AH-2.5RQML
LM136AH-2.5RQV
Industry Part Number
LM136A
Prime Die
LM136
Controlling Document
SEE FEATURES SECTION
Processing
MIL-STD-883, Method 5004
Quality Conformance Inspection
MIL-STD-883, Method 5005
Subgrp Description
Temp ( C)
o
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
1


Similar Part No. - MNLM136A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNLM101A-X NSC-MNLM101A-X Datasheet
32Kb / 5P
OPERATION AMPLIFIER
MNLM129A-X NSC-MNLM129A-X Datasheet
14Kb / 4P
PRECISION REFERENCE
MNLM1575-12-X NSC-MNLM1575-12-X Datasheet
252Kb / 14P
SIMPLE SWITCHER 1A STEP-DOWN VOLTAGE REGULATOR
MNLM185B-X NSC-MNLM185B-X Datasheet
211Kb / 11P
MICROCIRCUIT DATA SHEET
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
More results

Similar Description - MNLM136A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM136AH NSC-LM136AH Datasheet
110Kb / 8P
2.5V REFERENCE DIODE, GUARANTEED TO 100K RADSi TESTED TO MIL-STD-883, METHOD 1019.5
MNDS26F32M-X-RH NSC-MNDS26F32M-X-RH Datasheet
313Kb / 12P
QUAD DIFFERENTIAL LINE RECEIVERS ALSO AVAILABLE GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5, CONDITION A
MNLMH6628-X-RH NSC-MNLMH6628-X-RH Datasheet
176Kb / 12P
DUAL WIDEBAND, LOW-NOISE, VOLTAGE FEEDBACK OP AMP, GUARANTEED TO 300k rd (si) TESTED TO MIL-STD-883, METHOD 1019
logo
MMD Components
MVIP MMD-MVIP Datasheet
82Kb / 1P
MIL-STD-883 Level B Screening Available
logo
M.S. Kennedy Corporatio...
MSK198RHL MSK-MSK198RHL_15 Datasheet
952Kb / 7P
Total Dose Tested to 100 Krads(Si) (Method 1019.7 Condition A)
logo
MMD Components
MVIL2 MMD-MVIL2 Datasheet
141Kb / 2P
MIL-STD-883 Level B Screening Available
MVIP5 MMD-MVIP5 Datasheet
141Kb / 2P
MIL-STD-883 Level B Screening Available
MVIV2 MMD-MVIV2 Datasheet
141Kb / 2P
MIL-STD-883 Level B Screening Available
MVLP2 MMD-MVLP2 Datasheet
106Kb / 2P
MIL-STD-883 Level B
MVLV2 MMD-MVLV2 Datasheet
106Kb / 2P
MIL-STD-883 Level B Screening Available
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com