Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEP3Z Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # TEP3Z
Description  Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

TEP3Z Datasheet(HTML) 1 Page - Rectron Semiconductor

  TEP3Z Datasheet HTML 1Page - Rectron Semiconductor TEP3Z Datasheet HTML 2Page - Rectron Semiconductor TEP3Z Datasheet HTML 3Page - Rectron Semiconductor TEP3Z Datasheet HTML 4Page - Rectron Semiconductor TEP3Z Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IEC61000-4-2 Level 4 ESD Protection
Protects one directional I/O line
Low clamping voltage
Working voltages : 3.3V, 5V,7V,12V
Low leakage current
The TEP3Z Series is designed to protect
voltage sensitive components from ESD and
transient voltage events. Excellent clamping
capability, low leakage, and fast response time,
make these parts ideal for ESD protection on
designs where board space is at a premium.
Because of its small size, it is suited for use in
cellular
phones,
portable
devices,
digital
cameras,
power
supplies
and
many
other
portable applications.
SOD-323 package
Flammability Rating: UL 94V-0
Packaging: Tape and Reel
High temperature soldering guaranted:260
/10s
Reel size: 7 inch
Device:TEP3ZXXX
Package: SOD-323
Material: Halogen free
Packing: Tape & Reel
Quantity per reel: 3,000pcs
Cell Phone Handsets and Accessories
Microprocessor based equipment
Personal Digital Assistants (PDA’s)
Notebooks, Desktops, and Servers
Portable Instrumentation
Peripherals
Pagers
Symbol
Parameter
Value
Units
VESD
ESD per IEC 61000-4-2 (Air)
ESD per IEC 61000-4-2 (Contact)
±30
±30
kV
ESD
ESD Voltage per human body model
ESD Voltage per machine model
16
400
kV
V
PD
Total Power Dissipation on FR-5 Board (Note 1) @ Ta=25
C
150
mW
TJ, TSTG
Junction and Storage Temperature
-55/+150
C
TL
Lead Solder Temperature – Maximum (10 Second Duration)
260
C
These ratings are limiting values above which the serviceability of the diode may be impaired
Note 1. FR-5=1.0x0.75x0.62 in.
1
2
1
2
DESCRIPTION
FEATURES
MACHANICAL DATA
ORDERING INFORMATION
APPLICATIONS
PACKAGE OUTLINE
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATING
2017-07/01
REV:O
TEP3Z
Transient Voltage Suppressors
SERIES


Similar Part No. - TEP3Z

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
TEP3Z5.0M RECTRON-TEP3Z5.0M Datasheet
302Kb / 5P
Transient Voltage Suppressors for ESD protection
More results

Similar Description - TEP3Z

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
Transient Voltage Suppressors
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
TVS8501V5 ONSEMI-TVS8501V5 Datasheet
93Kb / 6P
Transient Voltage Suppressors
November, 2014 ??Rev. 1
logo
SEMTECH ELECTRONICS LTD...
ESD3BL3V3WS SEMTECH_ELEC-ESD3BL3V3WS Datasheet
356Kb / 4P
Transient Voltage Suppressors
ESD9BL5V0BP SEMTECH_ELEC-ESD9BL5V0BP Datasheet
342Kb / 3P
Transient Voltage Suppressors
ESDB5V0WT SEMTECH_ELEC-ESDB5V0WT Datasheet
267Kb / 3P
Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com