Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEP3Z Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # TEP3Z
Description  Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

TEP3Z Datasheet(HTML) 2 Page - Rectron Semiconductor

  TEP3Z Datasheet HTML 1Page - Rectron Semiconductor TEP3Z Datasheet HTML 2Page - Rectron Semiconductor TEP3Z Datasheet HTML 3Page - Rectron Semiconductor TEP3Z Datasheet HTML 4Page - Rectron Semiconductor TEP3Z Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
C)
VRWM
IR
VB
IT
VC@5A
VC
PPK
CJ
(V)
( A)
(V)
(mA)
(V)
(V)
(W)
(pF)
PART
NUMBER
DEVICE
MARKING
(max.)
(max.)
(min.)
(max.)
(max.)
(@A)
(max.)
(typ.)
GESD3Z3.3
03
3.3
0.90
5.0
1
9.4
14.1
11.2
158
105
GESD3Z5.0
05
5.0
0.08
6.2
1
11.6
18.6
9.4
174
80
GESD3Z7.0
07
7.0
0.03
7.5
1
13.5
22.7
8.8
200
65
GESD3Z12
12
12.0
0.02
14.1
1
23.0
29.0
9.6
240
55
ELECTRICAL CHARACTERISTICS (Tamb=25°C)
RATING AND CHARACTERISTICS CURVES (TEP3Z SERIES)
TEP
TEP
TEP
TEP



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com