Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39504 Datasheet(PDF) 8 Page - Microchip Technology

Part # 39504
Description  Section 4. Architecture
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

39504 Datasheet(HTML) 8 Page - Microchip Technology

Back Button 39504 Datasheet HTML 4Page - Microchip Technology 39504 Datasheet HTML 5Page - Microchip Technology 39504 Datasheet HTML 6Page - Microchip Technology 39504 Datasheet HTML 7Page - Microchip Technology 39504 Datasheet HTML 8Page - Microchip Technology 39504 Datasheet HTML 9Page - Microchip Technology 39504 Datasheet HTML 10Page - Microchip Technology 39504 Datasheet HTML 11Page - Microchip Technology 39504 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
PIC18C Reference Manual
DS39504A-page 4-8
 2000 Microchip Technology Inc.
AVSS
P
P
Analog Ground
BA0
O
System bus byte address 0
CANRX
I
ST
CAN bus receive pin
CANTX0
O
CAN bus transmit
CANTX1
O
CAN bus complimentary transmit or CAN bus bit time clock
CCP1
I/O
ST
Capture1 input/Compare1 output/PWM1 output
CCP2
I/O
ST
Capture2 input/Compare2 output/PWM2 output.
CK
I/O
ST
USART Synchronous Clock, always associated with TX pin function
(See related TX, RX, DT)
CLKI
I
ST/CMOS
External clock source input. Always associated with pin function
OSC1. (See related OSC1/CLKIN, OSC2/CLKOUT pins)
CLKO
O
Oscillator crystal output. Connects to crystal or resonator in crystal
oscillator mode. In RC mode, OSC2 pin outputs CLKOUT which has
1/4 the frequency of OSC1, and denotes the instruction cycle rate.
Always associated with OSC2 pin function. (See related OSC2,
OSC1)
CMPA
O
Comparator A output
CMPB
O
Comparator B output
CS
I
TTL
Chip select control for parallel slave port (See related RD and WR)
CVREF
O
Analog
Comparator voltage reference output
DT
I/O
ST
USART Synchronous Data. Always associated RX pin function. (See
related RX, TX, CK)
Table 4-1:
I/O Descriptions (Continued)
Pin Name
Pin
Type
Buffer
Type
Description
Legend: TTL = TTL-compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
O = output
PU = Weak internal pull-up
I = input
Analog = Analog input or output
P = Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com