Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39504 Datasheet(PDF) 9 Page - Microchip Technology

Part # 39504
Description  Section 4. Architecture
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

39504 Datasheet(HTML) 9 Page - Microchip Technology

Back Button 39504 Datasheet HTML 5Page - Microchip Technology 39504 Datasheet HTML 6Page - Microchip Technology 39504 Datasheet HTML 7Page - Microchip Technology 39504 Datasheet HTML 8Page - Microchip Technology 39504 Datasheet HTML 9Page - Microchip Technology 39504 Datasheet HTML 10Page - Microchip Technology 39504 Datasheet HTML 11Page - Microchip Technology 39504 Datasheet HTML 12Page - Microchip Technology 39504 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
 2000 Microchip Technology Inc.
DS39504A-page 4-9
Section 4 Architecture
4
INT0
I
ST
External Interrupt0
INT1
I
ST
External Interrupt1
INT2
I
ST
External Interrupt2
LB
O
System bus low byte strobe
LVDIN
I
Analog
Low voltage detect input
MCLR
I/P
ST
Master clear (reset) input or programming voltage input. This pin is
an active low reset to the device.
NC
These pins should be left unconnected.
OE
O
System bus output enable strobe
OSC1
I
ST/CMOS
Oscillator crystal input or external clock source input. ST buffer when
configured in RC mode. CMOS otherwise.
OSC2
O
Oscillator crystal output. Connects to crystal or resonator in crystal
oscillator mode. In RC mode, OSC2 pin outputs CLKOUT, which has
1/4 the frequency of OSC1, and denotes the instruction cycle rate.
PSP0
I/O
TTL
Parallel Slave Port for interfacing to a microprocessor port. These
pins have TTL input buffers when PSP module is enabled.
PSP1
I/O
TTL
PSP2
I/O
TTL
PSP3
I/O
TTL
PSP4
I/O
TTL
PSP5
I/O
TTL
PSP6
I/O
TTL
PSP7
I/O
TTL
PORTA is a bi-directional I/O port.
RA0
I/O
TTL
RA1
I/O
TTL
RA2
I/O
TTL
RA3
I/O
TTL
RA4
I/O
ST
RA4 is an open drain when configured as output.
RA5
I/O
TTL
RA6
I/O
TTL
PORTB is a bi-directional I/O port. PORTB can be software pro-
grammed for internal weak pull-ups on all inputs.
RB0
I/O
TTL
RB1
I/O
TTL
RB2
I/O
TTL
RB3
I/O
TTL
RB4
I/O
TTL
Interrupt on change pin.
RB5
I/O
TTL
Interrupt on change pin.
RB6
I/O
TTL/ST
Interrupt on change pin. Serial programming clock. TTL input
buffer as general purpose I/O, Schmitt Trigger input buffer when
used as the serial programming clock.
RB7
I/O
TTL/ST
Interrupt on change pin. Serial programming data. TTL input
buffer as general purpose I/O, Schmitt Trigger input buffer when
used as the serial programming data.
Table 4-1:
I/O Descriptions (Continued)
Pin Name
Pin
Type
Buffer
Type
Description
Legend: TTL = TTL-compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
O = output
PU = Weak internal pull-up
I = input
Analog = Analog input or output
P = Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com