Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9250X Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE9250X
Description  High Speed CAN Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9250X Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE9250X Datasheet HTML 21Page - Infineon Technologies AG TLE9250X Datasheet HTML 22Page - Infineon Technologies AG TLE9250X Datasheet HTML 23Page - Infineon Technologies AG TLE9250X Datasheet HTML 24Page - Infineon Technologies AG TLE9250X Datasheet HTML 25Page - Infineon Technologies AG TLE9250X Datasheet HTML 26Page - Infineon Technologies AG TLE9250X Datasheet HTML 27Page - Infineon Technologies AG TLE9250X Datasheet HTML 28Page - Infineon Technologies AG TLE9250X Datasheet HTML 29Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
Data Sheet
25
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
Application information
10
Application information
10.1
ESD robustness according to IEC61000-4-2
Tests for ESD robustness according to IEC61000-4-2 “Gun test” (150 pF, 330 Ω) have been performed. The
results and test conditions are available in a separate test report.
10.2
Application example
Figure 15
Application circuit
Table 7
ESD robustness according to IEC61000-4-2
Performed Test
Result
Unit
Remarks
Electrostatic discharge voltage at pin CANH and
CANL versus GND
≥ +11
kV
1)Positive pulse
1) Not subject to production test. ESD susceptibility “ESD GUN” according to GIFT / ICT paper: “EMC Evaluation of CAN
Transceivers, version IEC TS62228”, section 4.3. (DIN EN61000-4-2)
Tested by external test facility (IBEE Zwickau, EMC test report Nr. 01-07-2017 and Nr. 06-08-17)
Electrostatic discharge voltage at pin CANH and
CANL versus GND
≤ -11
kV
1)Negative pulse
example ECU design
VBAT
TLE9250X
VCC
CANH
CANL
GND
RM
TxD
RxD
7
6
1
4
8
2
3
Microcontroller
e.g. XC22xx
VCC
GND
Out
Out
In
TLE4476D
GND
IQ1
100 nF
100 nF
22
μF
EN
Q2
VIO
22
μF
100 nF
TLE9250X
VCC
CANH
CANL
GND
RM
TxD
RxD
7
6
1
4
8
2
3
Microcontroller
e.g. XC22xx
VCC
GND
Out
Out
In
TLE4476D
GND
IQ1
100 nF
100 nF
22
μF
EN
Q2
VIO
22
μF
100 nF
5
5
optional:
common mode choke
optional:
common mode choke
CANH
CANL
120
Ohm
120
Ohm
CANH
CANL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com