Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9250X Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE9250X
Description  High Speed CAN Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9250X Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE9250X Datasheet HTML 9Page - Infineon Technologies AG TLE9250X Datasheet HTML 10Page - Infineon Technologies AG TLE9250X Datasheet HTML 11Page - Infineon Technologies AG TLE9250X Datasheet HTML 12Page - Infineon Technologies AG TLE9250X Datasheet HTML 13Page - Infineon Technologies AG TLE9250X Datasheet HTML 14Page - Infineon Technologies AG TLE9250X Datasheet HTML 15Page - Infineon Technologies AG TLE9250X Datasheet HTML 16Page - Infineon Technologies AG TLE9250X Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Data Sheet
13
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
Changing the mode of operation
6.3
Mode changes by VCC undervoltage
When the transmitter supply VCC (VCC < VCC(U/F)) is in undervoltage condition, the TLE9250X might not be able to
provide the correct bus levels on the CANH and CANL output pins. To avoid any interference with the network
the TLE9250X blocks the transmitter and changes the mode of operation when an undervoltage event is
detected (see Figure 8 and Figure 9).
In Normal-operating mode and in Receive-only mode a undervoltage event on supply VCC (VCC < VCC(U/F))
triggers a mode change to Forced-receive-only mode.
In Forced-receive-only mode the undervoltage detection VCC (VCC < VCC(U/F)) is enabled. In this mode the
TLE9250X can operate without the transmitter supply VCC.
Due to the internal pull-down current source at RM input pin the transceiver changes the mode of operation
from Forced-receive-only mode to Normal-operating mode if VCC is supplied again and no external signal is
applied to the RM input pin.
Figure 8
Mode changes by undervoltage events on VCC
RM
VCC
VIO
Power-down
state
“X”
“X”
“off”
Normal-operating
mode
RM
VCC
VIO
0
“on”
“on”
Forced-
Receive-only
mode
RM
VCC
VIO
“X”
“off”
“on”
Receive-only
mode
RM
VCC
VIO
1
“on”
“on”
VIO “on”
VCC “off”
RM “0”
VIO “on”
VCC “on”
RM “0”
VIO “on”
VCC “off”
RM “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com