Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9251VLE Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE9251VLE
Description  High Speed CAN Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9251VLE Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE9251VLE Datasheet HTML 1Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 2Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 3Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 4Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 5Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 6Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 7Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 8Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Data Sheet
5
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
Pin configuration
3
Pin configuration
3.1
Pin assignment
Figure 2
Pin configuration
3.2
Pin definitions
Table 1
Pin definitions and functions
Pin No.
Symbol
Function
1TxD
Transmit Data Input;
Internal pull-up to VIO, “low” for “dominant” state.
2GND
Ground
3
VCC
Transmitter Supply Voltage;
100 nF decoupling capacitor to GND required,
VCC can be turned off in stand-by mode.
4RxD
Receive Data Output;
“low” in “dominant” state.
5
VIO
Digital Supply Voltage;
Supply voltage input to adapt the logical input and output voltage levels of the
transceiver to the microcontroller supply.
Supply for the low-power receiver.
100 nF decoupling capacitor to GND required.
6CANL
CAN Bus Low Level I/O;
“low” in “dominant” state.
7CANH
CAN Bus High Level I/O;
“high” in “dominant” state.
8STB
Stand-by Input;
Internal pull-up to VIO, “low” for Normal-operating mode.
PAD
–
Connect to PCB heat sink area.
Do not connect to other potential than GND.
TxD
STB
VIO
1
2
3
4
8
7
6
5
GND
VCC
RxD
CANH
CANL
1
2
3
4
8
7
6
5
TxD
GND
VCC
RxD
STB
VIO
CANH
CANL
(Top-side x-ray view)
PAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com