Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9251VLE Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE9251VLE
Description  High Speed CAN Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9251VLE Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE9251VLE Datasheet HTML 6Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 7Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 8Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 9Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 10Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 11Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 12Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 13Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Data Sheet
10
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
Modes of operation
5.3
Stand-by mode
The Stand-by mode is the power save mode of the TLE9251V. In Stand-by mode most of the functions are
turned off and the TLE9251V is monitoring the bus for a valid wake-up pattern (WUP). The following functions
are available (see also Figure 4 and Table 2):
• The transmitter is disabled and the data available on the TxD input is blocked.
• The normal-mode receiver is disabled.
• The low-power receiver is turned on and monitors the bus for a valid wake-up pattern (WUP).
• The RxD output pin follows the Bus signal after WUP detection.
• The bus biasing is connected to GND.
• The STB input pin is active and changes the mode of operation.
• The TxD time-out function is disabled.
• The overtemperature protection is disabled.
• The undervoltage detection on VCC is disabled. In Stand-by mode the device can operate without the
transmitter supply VCC.
• The undervoltage detection on VIO is enabled and powers down the device in case of detection.
The Stand-by mode can be entered from Normal-operating mode and Forced-receive-only mode by setting
the STB pin to logical “high”.
To enter Stand-by mode the digital supply VIO needs to be available (VIO > VCC(UV,R)).
5.4
Power-down state
Independent of the transmitter supply VCC and STB input pin the TLE9251V is powered down if the supply
voltage VIO < VIO(UV,R) (see Figure 4).
In the power-down state the differential input resistors of the receiver are switched off. The CANH and CANL
bus interface of the TLE9251V is floating and acts as a high-impedance input with a very small leakage current.
The high-ohmic input does not influence the “recessive” level of the CAN network and allows an optimized
EME performance of the entire HS CAN network. In power-down state the transceiver is an invisible node to
the bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com