Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9545AD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9545AD
Description  4-channel I2C switch with interrupt logic and reset
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9545AD Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9545AD Datasheet HTML 1Page - NXP Semiconductors PCA9545AD Datasheet HTML 2Page - NXP Semiconductors PCA9545AD Datasheet HTML 3Page - NXP Semiconductors PCA9545AD Datasheet HTML 4Page - NXP Semiconductors PCA9545AD Datasheet HTML 5Page - NXP Semiconductors PCA9545AD Datasheet HTML 6Page - NXP Semiconductors PCA9545AD Datasheet HTML 7Page - NXP Semiconductors PCA9545AD Datasheet HTML 8Page - NXP Semiconductors PCA9545AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
9397 750 14311
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 3 March 2005
2 of 27
Philips Semiconductors
PCA9545A
4-channel I2C switch with interrupt logic and reset
s Three packages offered: SO20, TSSOP20, and HVQFN20
3.
Ordering information
Standard packing quantities and other packaging data are available at
www.standardproducts.philips.com/packaging.
4.
Marking
Table 1:
Ordering information
Tamb = –40 °Cto+85 °C
Type number
Package
Name
Description
Version
PCA9545ABS
HVQFN20
plastic thermal enhanced very thin quad flat package;
no leads; 20 terminals; body 5
× 5 × 0.85 mm
SOT662-1
PCA9545AD
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
PCA9545APW
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
Table 2:
Marking codes
Type number
Topside mark
PCA9545ABS
9545A
PCA9545AD
PCA9545AD
PCA9545APW
PA9545A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com