Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9545AD Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9545AD
Description  4-channel I2C switch with interrupt logic and reset
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9545AD Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9545AD Datasheet HTML 17Page - NXP Semiconductors PCA9545AD Datasheet HTML 18Page - NXP Semiconductors PCA9545AD Datasheet HTML 19Page - NXP Semiconductors PCA9545AD Datasheet HTML 20Page - NXP Semiconductors PCA9545AD Datasheet HTML 21Page - NXP Semiconductors PCA9545AD Datasheet HTML 22Page - NXP Semiconductors PCA9545AD Datasheet HTML 23Page - NXP Semiconductors PCA9545AD Datasheet HTML 24Page - NXP Semiconductors PCA9545AD Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Philips Semiconductors
PCA9545A
4-channel I2C switch with interrupt logic and reset
9397 750 14311
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 3 March 2005
21 of 27
Fig 22. Package outline SOT662-1 (HVQFN20)
0.65
1
A1
Eh
b
UNIT
y
e
0.2
c
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
5.1
4.9
Dh
3.25
2.95
y1
5.1
4.9
3.25
2.95
e1
2.6
e2
2.6
0.38
0.23
0.05
0.00
0.05
0.1
DIMENSIONS (mm are the original dimensions)
SOT662-1
MO-220
- - -
- - -
0.75
0.50
L
0.1
v
0.05
w
0
2.5
5 mm
scale
SOT662-1
HVQFN20: plastic thermal enhanced very thin quad flat package; no leads;
20 terminals; body 5 x 5 x 0.85 mm
A(1)
max.
A
A1
c
detail X
y
y1 C
e
L
Eh
Dh
e
e1
b
610
20
16
15
11
5
1
X
D
E
C
B
A
e2
terminal 1
index area
terminal 1
index area
01-08-08
02-10-22
A
C
C
B
v M
w M
E(1)
D(1)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com