Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7513 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # EL7513
Description  White LED Step-Up Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7513 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button EL7513 Datasheet HTML 4Page - Renesas Technology Corp EL7513 Datasheet HTML 5Page - Renesas Technology Corp EL7513 Datasheet HTML 6Page - Renesas Technology Corp EL7513 Datasheet HTML 7Page - Renesas Technology Corp EL7513 Datasheet HTML 8Page - Renesas Technology Corp EL7513 Datasheet HTML 9Page - Renesas Technology Corp EL7513 Datasheet HTML 10Page - Renesas Technology Corp EL7513 Datasheet HTML 11Page - Renesas Technology Corp EL7513 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
EL7513
FN7112 Rev 5.00
Page 11 of 12
December 22, 2008
TSOT Package Family
e1
N
A
D
E
4
(N/2)
2
1
E1
0.15
D
C
2X
0.25 C
2X N/2 TIPS
e
B
ddd M
D
C A-B
b
NX
6
2
3
5
SEATING
PLANE
0.10 C
NX
1
3
C
D
0.15
A-B
C
2X
A2
A1
H
c
(L1)
L
0.25
4° ±4°
GAUGE
PLANE
A
MDP0049
TSOT PACKAGE FAMILY
SYMBOL
MILLIMETERS
TOLERANCE
TSOT5
TSOT6
TSOT8
A
1.00
1.00
1.00
Max
A1
0.05
0.05
0.05
±0.05
A2
0.87
0.87
0.87
±0.03
b
0.38
0.38
0.29
±0.07
c
0.127
0.127
0.127
+0.07/-0.007
D
2.90
2.90
2.90
Basic
E
2.80
2.80
2.80
Basic
E1
1.60
1.60
1.60
Basic
e
0.95
0.95
0.65
Basic
e1
1.90
1.90
1.95
Basic
L
0.40
0.40
0.40
±0.10
L1
0.60
0.60
0.60
Reference
ddd
0.20
0.20
0.13
-
N
5
6
8
Reference
Rev. B 2/07
NOTES:
1. Plastic or metal protrusions of 0.15mm maximum per side are
not included.
2. Plastic interlead protrusions of 0.15mm maximum per side are
not included.
3. This dimension is measured at Datum Plane “H”.
4. Dimensioning and tolerancing per ASME Y14.5M-1994.
5. Index area - Pin #1 I.D. will be located within the indicated zone
(TSOT6 AND TSOT8 only).
6. TSOT5 version has no center lead (shown as a dashed line).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com