Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7513 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL7513
Description  White LED Step-Up Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7513 Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL7513 Datasheet HTML 1Page - Renesas Technology Corp EL7513 Datasheet HTML 2Page - Renesas Technology Corp EL7513 Datasheet HTML 3Page - Renesas Technology Corp EL7513 Datasheet HTML 4Page - Renesas Technology Corp EL7513 Datasheet HTML 5Page - Renesas Technology Corp EL7513 Datasheet HTML 6Page - Renesas Technology Corp EL7513 Datasheet HTML 7Page - Renesas Technology Corp EL7513 Datasheet HTML 8Page - Renesas Technology Corp EL7513 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
EL7513
FN7112 Rev 5.00
Page 2 of 12
December 22, 2008
Pinouts
Typical Connection
EL7513
(8 LD TSOT)
TOP VIEW
EL7513
(8 LD MSOP)
TOP VIEW
COMP
CNTL
VOUT
LX
VIN
CS
SGND
PGND
1
2
3
4
8
7
6
5
CS
VIN
PGND
SGND
CNTL
COMP
LX
VOUT
1
2
3
4
8
7
6
5
C1
LX
VIN
VOUT
CS
PGND
SGND
CNTL
COMP
4.7µF
C3
0.1µF
C2
1µF
L
33µH
D
2.6V TO
5.5V
R1
VCTRL
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com