Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS3202IRSVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS3202IRSVT
Description  Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS3202IRSVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button HD3SS3202IRSVT Datasheet HTML 2Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 3Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 4Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 5Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 6Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 7Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 8Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 9Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Frequency (Hz)
0
5E+8
1E+9
1.5E+9
0
10
20
30
40
50
60
70
D001
Average Prop Delay
6
HD3SS3202
SLASEO1 – MAY 2018
www.ti.com
Product Folder Links: HD3SS3202
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.7 Switching Characteristics
PARAMETER
MIN
TYP
MAX
UNIT
tPD
Switch propagation delay (see Figure 4)
80
ps
tSW_ON
Switching time SEL-to-Switch ON (see Figure 3)
0.5
µs
tSW_OFF
Switching time SEL-to-Switch OFF (see Figure 3)
0.5
µs
tSK_INTRA
Intra-pair output skew (see Figure 4)
6
ps
tSK_INTER
Inter-pair output skew (see Figure 4)
20
ps
tPD
Average propagation delay, see Figure 1
ƒ = 100 MHz
16
54
ps
ƒ = 200 MHz
33
63
ƒ = 300 MHz
33
59
ƒ = 400 MHz
33
57
ƒ = 500 MHz
33
56
ƒ = 600 MHz
33
53
ƒ = 700 MHz
33
50
ƒ = 750 MHz
33
50
ƒ = 800 MHz
33
50
ƒ = 900 MHz
31
50
ƒ = 1000 MHz
30
50
6.8 Typical Characteristics
Figure 1. Average Propagation Delay vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com