Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS3202IRSVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS3202IRSVT
Description  Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS3202IRSVT Datasheet(HTML) 1 Page - Texas Instruments

  HD3SS3202IRSVT Datasheet HTML 1Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 2Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 3Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 4Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 5Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 6Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 7Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 8Page - Texas Instruments HD3SS3202IRSVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
B0±
A0+
A0±
B0+
A1+
A1±
C0+
C0±
SEL
B1+
B1±
C1+
C1±
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
HD3SS3202
SLASEO1 – MAY 2018
HD3SS3202 Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
1
1 Features
1
•
Provides MUX/DEMUX Solution for USB
Type-C™ Ecosystem for USB 3.1 Gen 1 and
Gen 2 Data Rates
•
Compatible With MIPI DSI/CSI-2 DPHY, LVDS,
PCIE Gen III, SATA Express, SATA
•
Operates up to 10 Gbps
•
Wide –3-dB Differential BW of over 8 GHz
•
Excellent Dynamic Characteristics (at 5 GHz)
–
Crosstalk = –41 dB
–
Off Isolation = –20 dB
–
Insertion Loss = –2.4 dB
–
Return Loss = –8 dB
•
Bidirectional "Mux/De-Mux" Differential Switch
•
Supports Common Mode Voltage 0 to 2 V
•
Single Supply Voltage VCC of 3.3 V ±10%
•
Commercial Temperature Range of 0°C to 70°C
(HD3SS3202)
•
Industrial Temperature Range of –40°C to 85°C
(HD3SS3202I)
2 Applications
•
USB Type-C™ Ecosystem
•
Desktop and Notebook PCs
•
Shared I/O Ports
•
Docking Stations
•
Monitors, TVs
•
Set Top Box
•
Network Security Cameras
3 Description
The
HD3SS3202
is
a
high-speed
bidirectional
passive switch in mux or demux configurations suited
for USB Type-C™ applications that support USB 3.1
Gen 1 and Gen 2 data rates. Based on control pin
SEL, the device supplies switching on differential
channels between Port B or Port C to Port A.
The HD3SS3202 is a generic analog differential
passive switch. It works with any high-speed interface
application that requires a common mode voltage
range of 0 to 2 V, and requires a differential signaling
with differential amplitude at a maximum of 1800
mVpp. The device has adaptive tracking that makes
sure the channel stays unchanged for the full
common mode voltage range.
The
device
allows
high-speed
switching
with
minimum attenuation to the signal eye diagram with
little added jitter. It uses < 1.65 mW (typical) of power
when in operation. It has a shutdown mode that is
used by the OEn pin resulting < .02 µW (typical).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
HD3SS3202
HD3SS3202I
UQFN (16)
2.60 mm x 1.80 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - HD3SS3202IRSVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3212 TI1-HD3SS3212 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212 TI1-HD3SS3212 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
HD3SS3212 TI2-HD3SS3212 Datasheet
1Mb / 27P
HD3SS3212x Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
REVISED SEPTEMBER 2016
HD3SS3212 TI2-HD3SS3212 Datasheet
651Kb / 27P
HD3SS3212x Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
REVISED SEPTEMBER 2016
HD3SS3212-Q1 TI1-HD3SS3212-Q1 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
More results

Similar Description - HD3SS3202IRSVT

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS3212 TI-HD3SS3212_15 Datasheet
1Mb / 25P
HD3SS3212x Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212 TI1-HD3SS3212_16 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
One Channel Differential 2:1 Mux/Demux
HD3SS3212 TI1-HD3SS3212 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
One Channel Differential 2:1 Mux/Demux
logo
ON Semiconductor
NL3HS3124A ONSEMI-NL3HS3124A Datasheet
120Kb / 7P
3.3 V, 2 Channel, 2:1 Differential Mux/Demux
December, 2016 ??Rev. 1
logo
Texas Instruments
HD3SS3212-Q1 TI1-HD3SS3212-Q1 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212 Datasheet
4Mb / 26P
TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
TMUXHS4212 TI1-TMUXHS4212_V01 Datasheet
5Mb / 30P
TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com