Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4307 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE4307
Description  Power-Charge-Pump and Low-Drop Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4307 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE4307 Datasheet HTML 1Page - Infineon Technologies AG TLE4307 Datasheet HTML 2Page - Infineon Technologies AG TLE4307 Datasheet HTML 3Page - Infineon Technologies AG TLE4307 Datasheet HTML 4Page - Infineon Technologies AG TLE4307 Datasheet HTML 5Page - Infineon Technologies AG TLE4307 Datasheet HTML 6Page - Infineon Technologies AG TLE4307 Datasheet HTML 7Page - Infineon Technologies AG TLE4307 Datasheet HTML 8Page - Infineon Technologies AG TLE4307 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Data Sheet Rev. 1.1
3
2000-10-11
TLE 4307
Figure 2
Block Diagram
Circuit Description
The TLE 4307 consists of 2 stages, the charge pump and the very low drop voltage
regulator.
Charge Pump
The power stage is used as a switching element, that is driven by a buffer. A current
source keeps the power stage on. When the output C of the charge pump reaches
V
C,off,
the power stage is switched off. It is active clamped, when the input I reaches
V
I,cl.
Optional, an external capacity can be connected between pin SL and I to limit the slew
rate at the input, when an inductive load drives the IC. Saturation control as a function of
the load current prevents any over-saturation of the power element. The regulator is
additionally protected against overload and overtemperature.
Very Low Drop Regulator
The control amplifier compares a reference voltage, made highly accurate by resistance
balancing, with a voltage proportional to the output voltage and drives the base of the
series PNP transistor via a buffer. Saturation control as a function of the load current
prevents any over-saturation of the power element. The regulator is additionally
protected against overload and overtemperature.
AES02793
Power
Charge
Pump
Very
Low-Drop
Regulator
TLE 4307
4
1
5
SL
I
23
C
GND
Q



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com