Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4307 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4307
Description  Power-Charge-Pump and Low-Drop Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4307 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4307 Datasheet HTML 1Page - Infineon Technologies AG TLE4307 Datasheet HTML 2Page - Infineon Technologies AG TLE4307 Datasheet HTML 3Page - Infineon Technologies AG TLE4307 Datasheet HTML 4Page - Infineon Technologies AG TLE4307 Datasheet HTML 5Page - Infineon Technologies AG TLE4307 Datasheet HTML 6Page - Infineon Technologies AG TLE4307 Datasheet HTML 7Page - Infineon Technologies AG TLE4307 Datasheet HTML 8Page - Infineon Technologies AG TLE4307 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TLE 4307
Data Sheet Rev. 1.1
4
2000-10-11
Figure 3
Application Example
Application Description
The IC is meant to be used with a DC power supply. The power charge pump limits the
energy that is needed to drive the load at the output Q of the IC. The energy is stored to
a capacity
C
C, connected to pin C. When pin C reaches VC,off, the power charge pump is
switched off. Since the power supply consists of the inductance and a parasitic series
resistance, the remaining available energy is dissipated in the external power supply and
therefore does not stress the IC with this dispensable energy. The very low drop
regulator is provided with the energy, stored in
C
C. The regulator requires an output
capacitor
C
Q for the stability of the regulating circuit. Stability is guaranteed at values
above 22
µF and an ESR ≤ 1 Ω within the operating temperature range.
AES02794
Power
Charge
Pump
Very
Low-Drop
Regulator
TLE 4307
4
1
5
SL
I
V
Line
V
ac = 12 V
L
S
= 4 mH
R
S = 15 Ω
D1
4x1N4001
or
B40C800
C
Q1
220 nF
23
C
GND
C
C
470
µF
15 V
Q
C
Q2
22
µF
6.3 V
C
S
100 pF
V
OUT = 3.8 V
I
OUT = 0.4 A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com