Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2681B Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2681B
Description  CC/CV Controller with Full Protection and Indication One Chip Solution for Power Tools Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2681B Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2681B Datasheet HTML 5Page - Monolithic Power Systems MP2681B Datasheet HTML 6Page - Monolithic Power Systems MP2681B Datasheet HTML 7Page - Monolithic Power Systems MP2681B Datasheet HTML 8Page - Monolithic Power Systems MP2681B Datasheet HTML 9Page - Monolithic Power Systems MP2681B Datasheet HTML 10Page - Monolithic Power Systems MP2681B Datasheet HTML 11Page - Monolithic Power Systems MP2681B Datasheet HTML 12Page - Monolithic Power Systems MP2681B Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
MP2681B – CC/CV CONTROLLER WITH FULL PROTECTION
MP2681B Rev.1.0
www.MonolithicPower.com
9
12/22/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VDD = 18V, TA = 25°C, unless otherwise noted.
ID Short Protection
VBATT=15V
ID Short Indication
VBATT=15V
ID Open Protection
VBATT=15V
ID Open Protection
VBATT=12V
Faut Signal under ID Short
VBATT=15V
ID Open Indication
VBATT=15V
VID
2V/div.
VCCON
10V/div.
VDD
5V/div.
IBATT
2A/div.
VID
2V/div.
VLEDR
5V/div.
VLEDG
5V/div.
IBATT
2A/div.
VFLT
5V/div.
VLEDG
5V/div.
VID
2V/div.
IBATT
2A/div.
Timer-Out Protection
CTMR=150pF,VBATT=15V
Timer-Out Indication
CTMR=150pF,VBATT=15.5V
ID Short Protection
VBATT=10V
VDD
5V/div.
VCCON
10V/div.
VID
1V/div.
VLEDG
5V/div.
IBATT
2A/div.
VLEDR
5V/div.
VDD
5V/div.
VID
2V/div.
IBATT
2A/div.
VCCON
10V/div.
VTMR
1V/div.
IBATT
2A/div.
VTMR
1V/div.
VLEDG
5V/div.
VLEDR
5V/div.
IBATT
2A/div.
VDD
5V/div.
VCCON
5V/div.
VID
1V/div.
IBATT
200mA/div.
VDD
5V/div.
VCCON
10V/div.
VID
1V/div.
IBATT
2A/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com