Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2681B Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2681B
Description  CC/CV Controller with Full Protection and Indication One Chip Solution for Power Tools Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2681B Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2681B Datasheet HTML 8Page - Monolithic Power Systems MP2681B Datasheet HTML 9Page - Monolithic Power Systems MP2681B Datasheet HTML 10Page - Monolithic Power Systems MP2681B Datasheet HTML 11Page - Monolithic Power Systems MP2681B Datasheet HTML 12Page - Monolithic Power Systems MP2681B Datasheet HTML 13Page - Monolithic Power Systems MP2681B Datasheet HTML 14Page - Monolithic Power Systems MP2681B Datasheet HTML 15Page - Monolithic Power Systems MP2681B Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
MP2681B – CC/CV CONTROLLER WITH FULL PROTECTION
MP2681B Rev.1.0
www.MonolithicPower.com
12
12/22/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Table 1 summarizes all the charge-voltage
settings for the MP2681B. The real ID voltage
threshold for every battery pack is about ±65mV
wider than the ones listed in the table, taking into
consideration reference variations, comparator
offsets, and hysteresis.
Table1. Charge-Voltage Setting Summary
ID Resistor
Detect Voltage
Operation
Mode
Battery Spec
VDD
VBATT
Float
NTC Float
VID > 2.65V
Sleep Mode
No Battery
10.8V
0
NTC OK
Default Mode
3S
12.44V
12.44V
1.8k
0.3V < VID < 0.7V
Automatic Mode
3S
12.44V
12.44V
6.8k
0.95V < VID < 1.6V
4S
16.59V
16.59V
15k
1.75V < VID < 2.65V
5S
20.74V
20.74V
Short
VID < 0.3V
Sleep Mode
Unknown
10.8V
0
ID voltage is detected out of range based on the
values specified in Table 1 (possibly caused by
the
insertion
of
a
wrong
battery-pack
configuration). The MP2681B detects this fault
condition and cuts off the external MOSFET to
stop charging and protect the battery. Under this
condition, the output voltage is set to a default
value of 10.8V, causing the MP2681B to enter
sleep mode. Also, the MP2681B provides a fault
indication. No battery condition is detected when
both NTC and ID are floating; when there is no
battery, the indication is off. If the NTC is ok
(while ID is floating), it means the battery has no
ID resistor, and the MP2681B will default set it as
a 3 cell condition.
The MP2681B compares the VFB voltage to its
internal voltage reference in order to maintain
voltage regulation. If this voltage is higher than
2.075V, the output of the voltage-loop operational
amplifier decreases; the opto-coupler current will
increase, reducing the output voltage of the PWM
controller.
Figure 3 shows the CC and CV control circuit.
Figure 3. CC/CV Control Circuit of MP2681B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com