Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NinjaC Datasheet(PDF) 76 Page - Infineon Technologies AG

Part # NinjaC
Description  Two Port Bridge Fiber to Fast Ethernet Converter
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

NinjaC Datasheet(HTML) 76 Page - Infineon Technologies AG

Back Button NinjaC Datasheet HTML 72Page - Infineon Technologies AG NinjaC Datasheet HTML 73Page - Infineon Technologies AG NinjaC Datasheet HTML 74Page - Infineon Technologies AG NinjaC Datasheet HTML 75Page - Infineon Technologies AG NinjaC Datasheet HTML 76Page - Infineon Technologies AG NinjaC Datasheet HTML 77Page - Infineon Technologies AG NinjaC Datasheet HTML 78Page - Infineon Technologies AG NinjaC Datasheet HTML 79Page - Infineon Technologies AG NinjaC Datasheet HTML 80Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 82 page
background image
Ninja C/CX
ADM6992C/CX
Electrical Specification
Data Sheet
76
Rev. 1.02, 2005-11-25
Power on Reset Timing
Figure 5
Power on Reset Timing
EEPROM Interface Timing
Figure 6
EEPROM Interface Timing
Table 30
Power on Reset Timing
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
RST Low Period
t
RST
100
ms
TTL
Start of Idle Pulse Width
t
CONF
100
ns
TTL
Table 31
EEPROM Interface Timing
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
EESK Period
t
ESK
5120
ns
EESK Low Period
t
ESKL
2550
2570
ns
EESK High Period
t
ESKH
2550
2570
ns
EEDI to EESK Rising Setup
Time
t
ERDS
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com