Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NinjaC Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # NinjaC
Description  Two Port Bridge Fiber to Fast Ethernet Converter
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

NinjaC Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button NinjaC Datasheet HTML 17Page - Infineon Technologies AG NinjaC Datasheet HTML 18Page - Infineon Technologies AG NinjaC Datasheet HTML 19Page - Infineon Technologies AG NinjaC Datasheet HTML 20Page - Infineon Technologies AG NinjaC Datasheet HTML 21Page - Infineon Technologies AG NinjaC Datasheet HTML 22Page - Infineon Technologies AG NinjaC Datasheet HTML 23Page - Infineon Technologies AG NinjaC Datasheet HTML 24Page - Infineon Technologies AG NinjaC Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
Data Sheet
21
Rev. 1.02, 2005-11-25
Ninja C/CX
ADM6992C/CX
Function Description
for auto negotiation purpose. These pins are also used for evaluating the default value in the base mode control
register (register 0H) according to Table 10.
In order to make these pins have the same Read/Write priority as software, they should be programmed to
11111111B in case a user wishes to update the advertisement register through software.
3.3
Switch Functional Description
The NINJA C/CX (ADM6992C/CX) supports three types of data forwarding mode, store & forward mode, modified
and MII cut-through.
3.3.1
Store & Forward Mode
The NINJA C/CX (ADM6992C/CX) allows switching between different speed media (e.g. 10BaseX and 100BaseX)
in store & forward mode. The entire received frame will be stored into its packet buffer. The NINJA C/CX
(ADM6992C/CX) checks the length and frame check sequence (FCS) of the received frame to prevent the
forwarding of corrupted packets before forwarding to the destination port. A MAC address filtering process can be
enabled to filter local traffic to improve overall network performance. The maximum packet length is up to 9216
bytes in this mode. The maximum packet length is defined in Bit [13:0] of EEPROM register 03H.
Table 10
Speed Configuration
Advertis
e all
capabilit
y
Advertis
e single
capabili
ty
Paralle
l detect
follow
IEEE
std.
Auto
Negoti-
ation
(Pin &
EEPROM)
Speed
(Pin &
EEPROM
)
Duplex
(Pin &
EEPROM
)
Auto
Negot
iation
Advertise
Capability
Parallel Detect
Capability
10
0F
10
0H
10
F
10
H
10
0F
10
0H
10
F
10
H
1
0
0
1
X
X
1
1
1
1
1
1
0
1
0
1
0
1
1
X
X
1
1
1
1
1
0
1
0
1
1
1
0
1
X
X
1
1
0
0
0
1
0
0
0
1
1
1
1
X
X
1
1
0
0
0
0
1
0
0
0
0
0
1
1
1
1
1
1
1
1
1
0
1
0
0
0
1
1
1
1
1
1
1
1
1
0
1
0
1
0
1
0
1
1
1
1
1
0
0
0
1
0
0
0
0
1
1
1
1
1
1
1
0
0
0
0
1
0
0
0
0
X
1
1
0
1
0
1
0
1
0
1
0
1
0
1
X
1
1
0
1
0
1
0
0
0
1
0
0
0
0
0
1
0
1
1
0
0
1
1
0
0
1
0
0
0
1
1
0
1
1
0
0
1
1
0
0
0
1
0
1
0
1
0
1
1
0
0
1
0
0
0
1
0
0
1
1
1
0
1
1
0
0
1
0
0
0
0
1
0
X
X
1
0
0
1
0
0
0
1
0
0
0
1
X
X
X
0
1
1
0
1
— — — — — — —
X
X
X
0
1
0
0
— 1
— — — — — —
X
X
X
0
0
1
0
— — 1
— — — — —
X
X
X
0
0
0
0
— — — 1
— — — —



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com