Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9255W Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # TLE9255W
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255W Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button TLE9255W Datasheet HTML 40Page - Infineon Technologies AG TLE9255W Datasheet HTML 41Page - Infineon Technologies AG TLE9255W Datasheet HTML 42Page - Infineon Technologies AG TLE9255W Datasheet HTML 43Page - Infineon Technologies AG TLE9255W Datasheet HTML 44Page - Infineon Technologies AG TLE9255W Datasheet HTML 45Page - Infineon Technologies AG TLE9255W Datasheet HTML 46Page - Infineon Technologies AG TLE9255W Datasheet HTML 47Page - Infineon Technologies AG TLE9255W Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 100 page
background image
Data Sheet
44
Rev. 1.02 2018-02-02
TLE9255W
CAN Partial Networking
The following figure shows a selective wake configuration error.
Figure 40
Selective wake configuration Error
7.5
CAN Flexible Data Rate (CAN FD) Tolerant Feature
The CAN FD tolerant feature means that selective wake unit ignores CAN FD frames. Therefore it is not possible
to configure a CAN FD frame for wake-up frame (WUF) detection.
At the completion of a detected CAN FD frame, that is, the End of Frame (EOF) is detected, the selective wake
unit is ready for detecting the next available classical CAN frame. If at least 6 recessive bits and at most 10
recessive bits are received, then EOF detection is successful. The FDF Bit of the Control Field of a CAN FD frame
identifies the type of CAN frame:
• FDF bit = 1:
CAN FD frame recognized, decoding stops
• FDF bit = 0:
classical CAN frame recognized, processing of the frame continues
In this way it is possible to send mixed CAN frame formats without affecting the selective wake functionality
by error counter increment and a misleading wake-up. The CAN FD data phase baud rate must be configured
in the SPI field BR_RATIO of the register SWK_CTRL_2 to enable detection of CAN FD frames.
Set SWK wake data. e.g.
ID, ID_Mask, DATA
Power on Reset
SWK Unit is not enabled
Enable Selective Wake
(SWK_EN = 1)
Confirm SWK configuration
(CFG_VAL = 1)
Any mode
SWK Unit is enabled
Set Baudrate for the SWK
unit
Write operation to a SWK
configuration Register will
cause a selective wake
configuration error!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com