| Electronic Components Datasheet Search |
|
TLE9255W Datasheet(PDF) 13 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE9255W Datasheet(HTML) 13 Page - Infineon Technologies AG |
|
13 / 100 page ![]() Data Sheet 13 Rev. 1.02 2018-02-02 TLE9255W Modes of Operation 5.1 Normal-operating Mode In Normal-operating mode all functions of the TLE9255W are available. The TLE9255W can receive data from the HS CAN bus as well as transmit data to the HS CAN bus. • The transmitter is active and drives the serial data stream on the TxD input pin to the bus pins CANH, CANL. • The normal mode receiver is active and converts the signals from the bus to a serial data stream on the RxD output pin. • The bus biasing is on. • The TxD timeout function is enabled (Chapter 6.4). • The overtemperature protection is enabled (Chapter 6.5). • The undervoltage detection on VBAT is enabled(Chapter 6.2.1) • The undervoltage detection on VCC is enabled (Chapter 6.2.2). • The undervoltage detection on VIO is enabled (Chapter 6.2.4). • The INH output pin is “high”. • A valid wake-up pattern is not signalled in the SPI bit WUP (Chapter 5.7.1). • Only if the selective wake function is enabled (SWK_EN = 1), then the HS CAN bus will be continuously monitored for a valid WUF (Chapter 5.7.2). • Local wake-up function is disabled (Chapter 5.7.3). Conditions for entering the Normal-operating Mode: • Normal-operating Mode can be entered via an SPI MC command from any mode of operation. Conditions for leaving the Normal-operating Mode: •If VIO < VIO_UV AND tVIO_UV_T has expired ANDtsilence has expired, then this triggers a mode change to Sleep Mode •If VCC < VCC_UV AND tVCC_UV_T has expired AND tsilence has expired, then this triggers a mode change to Sleep Mode. • An SPI MC command triggers a mode change. Figure 5 shows possible mode changes. Figure 5 Mode changes in Normal-operating Mode Normal-operating Mode VIO undervoltage AND tVIO_UV_T expired AND tSilence expired Sleep Mode Any Mode Any Mode SPI MC command SPI MC command VCC undervoltage AND tVCC_UV_T expired AND tSilence expired |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |