Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6508 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6508
Description  2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6508 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6508 Datasheet HTML 1Page - Monolithic Power Systems MP6508 Datasheet HTML 2Page - Monolithic Power Systems MP6508 Datasheet HTML 3Page - Monolithic Power Systems MP6508 Datasheet HTML 4Page - Monolithic Power Systems MP6508 Datasheet HTML 5Page - Monolithic Power Systems MP6508 Datasheet HTML 6Page - Monolithic Power Systems MP6508 Datasheet HTML 7Page - Monolithic Power Systems MP6508 Datasheet HTML 8Page - Monolithic Power Systems MP6508 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MP6
508 – 2.7V-TO-18V, 1.2A STEPPER MOTOR DRIVER
MP6508 Rev.1.0
www.MonolithicPower.com
3
6/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PACKAGE REFERENCE
1
AIN2
nSLEEP
SENA
AOUT2
BOUT2
SENB
BOUT1
FAULT
AOUT1
VIN
BST
BIN2
BIN1
AIN1
VDD
GND
MP6508
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
EXPOSED PAD ON
BACKSIDE
CONNECTED TO GND
SENA
AOUT2
SENB
VIN
GND
VDD
BST
1
2
3
4
12
11
10
9
BOUT2
EXPOSED PAD ON
BACKSIDE
CONNECTED TO GND
MP6508
TSSOP-16 EP
QFN-16 (4mm×4mm)
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage VIN ......................... -0.3V to 20V
AOUTx Voltage VAOUTx ...............-0.3V to VIN+1V
BOUTx Voltage VBOUTx ...............-0.3V to VIN+1V
BST Voltage VBST....................-0.3V to VIN+6.5V
Sense Voltage VSENx ..................... -0.3V to 0.5V
All Other Pins................................ -0.3V to 6.5V
Junction Temperature .............................. 150°C
Lead Temperature ................................... 260°C
Continuous Power Dissipation (TA = +25°C)
(2)
QFN-16 (4mm×4mm).................................2.7W
TSSOP-16 EP ...........................................2.8W
Operating Temperature.............. -40°C to +85°C
Recommended Operating Conditions
(3)
Supply Voltage VIN .......................... 2.7V to 18V
Output Current IA/BOUT..................................1.2A
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN-16(4mm×4mm) ..............46 ...... 10 ...°C/W
TSSOP-16 EP ........................45 ...... 10 ...°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal
resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com