Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6508 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6508
Description  2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6508 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6508 Datasheet HTML 1Page - Monolithic Power Systems MP6508 Datasheet HTML 2Page - Monolithic Power Systems MP6508 Datasheet HTML 3Page - Monolithic Power Systems MP6508 Datasheet HTML 4Page - Monolithic Power Systems MP6508 Datasheet HTML 5Page - Monolithic Power Systems MP6508 Datasheet HTML 6Page - Monolithic Power Systems MP6508 Datasheet HTML 7Page - Monolithic Power Systems MP6508 Datasheet HTML 8Page - Monolithic Power Systems MP6508 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MP6
508 – 2.7V-TO-18V, 1.2A STEPPER MOTOR DRIVER
MP6508 Rev.1.0
www.MonolithicPower.com
4
6/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN=9V, TA=25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply
Input Supply Voltage
V
IN
2.7
18
V
Vdd Voltage
V
dd
4.85
V
Quiescent Current
I
IN
nSLEEP=1, I
OUT=0,
Output disable
1.6
1.8
mA
I
IN_SLEEP
nSLEEP=0, V
IN=9V
1
µA
Integrated MOSFETs
Output On Resistance
R
HS
I
OUT=500mA, VIN=9V
T
J=25°
C
250
350
m
Ω
I
OUT=500mA, VIN=2.7V
T
J=25°
C
310
400
m
Ω
I
OUT=500mA, VIN=9V
T
J=85°
C
350
m
Ω
I
OUT=500mA, VIN=2.7V
T
J=85°
C
400
m
Ω
R
LS
I
OUT=500mA, VIN=9V
T
J=25°
C
235
350
m
Ω
I
OUT=500mA, VIN=2.7V
T
J=25°
C
310
400
m
Ω
I
OUT=500mA, VIN=9V
T
J=85°
C
310
m
Ω
I
OUT=500mA, VIN=2.7V
T
J=85°
C
400
m
Ω
Body-Diode Forward
Voltage
V
F
I
OUT=500mA
1
V
Control Logic
UVLO Threshold (Rising)
V
IN_RISE
2.5
V
UVLO Hysteresis
V
HYS
30
75
120
mV
Input Logic ‘Low’ Threshold
VIL
0.6
V
Input Logic ‘High’ Threshold
VIH
2
V
nSLEEP Logic, Low
V
SLEEP_L
0.4
V
nSLEEP Logic, High
V
SLEEP_H
2
V
Fault Output Logic, Low
V
FAULT_L
Flag triggered by OTP
1mA Current.
200
mV
Fault Output Leakage
Current
I
LEAK_FAULT
V
FAULT=5V
1
µA
Constant Off Time
TOFF
21
26
31
µs
Propagation Delay Time
(On)
TON_DELAY(HS)
10mA Source Current
100
200
300
ns
TON_DELAY(LS)
20
55
90
ns
Propagation Delay Time
(Off)
TOFF_DELAY(HS)
135
180
225
ns
TOFF_DELAY(LS)
80
130
180
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com