Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6517 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP6517
Description  Programmable Single-Phase, BLDC, Motor Driver with Integrated Hall Sensor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6517 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP6517 Datasheet HTML 1Page - Monolithic Power Systems MP6517 Datasheet HTML 2Page - Monolithic Power Systems MP6517 Datasheet HTML 3Page - Monolithic Power Systems MP6517 Datasheet HTML 4Page - Monolithic Power Systems MP6517 Datasheet HTML 5Page - Monolithic Power Systems MP6517 Datasheet HTML 6Page - Monolithic Power Systems MP6517 Datasheet HTML 7Page - Monolithic Power Systems MP6517 Datasheet HTML 8Page - Monolithic Power Systems MP6517 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
MP6517 – SINGLE-PHASE, BLDC, MOTOR DRIVER WITH INTEGRATED HALL SENSOR
MP6517 Rev.1.01
www.MonolithicPower.com
5
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = 12V, TA = 25°C, tested with fan unit, unless otherwise noted.
Typical Waveform, Enable
Soft On & Soft Off
VCC=12V DC, PWM= 5V DC, w/ soft
on/off phase transition
Typical Waveform, Disable
Soft On & Soft Off
VCC=12V DC, PWM= 5V DC, w/o soft
on/off phase transition
Typical Waveform,
Shutdown with PWM
VCC=12V DC, PWM=5V DC to 0V
Typical Waveform, Start
Up with PWM
VCC=12V DC, PWM= 0V to 5V DC
Typical Waveform,
Shutdown with VCC
PWM=5V DC, VCC=12V DC to 0V
Typical Waveform, Start
Up with VCC
PWM=5V DC, VCC= 0V to 12V DC
VOUT1
10V/div.
VFG
5V/div.
VOUT2
10V/div.
VOUT2
5V/div.
VOUT1
5V/div.
ILOAD
1A/div.
ILOAD
1A/div.
VOUT2
5V/div.
VOUT1
5V/div.
ILOAD
1A/div.
VPWM
5V/div.
VOUT1
10V/div.
ILOAD
1A/div.
VOUT1
10V/div.
VFG
5V/div.
VFG
10V/div.
VPWM
5V/div.
VOUT1
10V/div.
ILOAD
1A/div.
VFG
10V/div.
VVCC
10V/div.
VOUT1
10V/div.
ILOAD
1A/div.
VFG
10V/div.
VVCC
10V/div.
VOUT1
10V/div.
ILOAD
1A/div.
VFG
10V/div.
VOUT2
10V/div.
ILOAD
500mA/div.
VOUT1
5V/div.
VFG
2V/div.
VOUT2
5V/div.
ILOAD
1A/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com