Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6517 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP6517
Description  Programmable Single-Phase, BLDC, Motor Driver with Integrated Hall Sensor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6517 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP6517 Datasheet HTML 5Page - Monolithic Power Systems MP6517 Datasheet HTML 6Page - Monolithic Power Systems MP6517 Datasheet HTML 7Page - Monolithic Power Systems MP6517 Datasheet HTML 8Page - Monolithic Power Systems MP6517 Datasheet HTML 9Page - Monolithic Power Systems MP6517 Datasheet HTML 10Page - Monolithic Power Systems MP6517 Datasheet HTML 11Page - Monolithic Power Systems MP6517 Datasheet HTML 12Page - Monolithic Power Systems MP6517 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
MP6517 – SINGLE-PHASE, BLDC, MOTOR DRIVER WITH INTEGRATED HALL SENSOR
MP6517 Rev.1.01
www.MonolithicPower.com
9
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATION
The MP6517 is a single-phase, brushless, DC
motor driver with integrated power MOSFETs
and a Hall effect sensor.
Speed Control
The MP6517 is controlled using a PWM input
interface, which is compatible with industry-
standard devices. The IC detects the PWM
input signal duty cycle and linearly controls the
H-bridge output duty cycle, so the fan speed
increases as the input duty cycle increases.
The PWM input accepts a wide input frequency
range (12kHz to 48kHz), while the output
frequency is kept constant at 26kHz above the
audible frequency range.
PWM Output Drive
The
IC
controls
the
H-bridge
MOSFET
switching to reduce speed variation and
increase system efficiency (see Figure 2).
When the rotor magnet pole S comes around,
the internal Hall sensor outputs high. When the
rotor magnet pole N comes around, the internal
Hall sensor outputs low. With this HA_IN signal,
the HA_OUT signal is generated after the θe delay
time, which is set from 0° to 15° through the
register THETA_E bits. During the HA_OUT high
interval, the OUT2 and OUT1 switching status
can be divided to different timing sections.
Figure 2: Timing Diagram
Soft Turn-On Section
During this time, OUT1 continues switching,
and the duty cycle increases gradually from 0 to
the target setting duty cycle in 16 steps max.
OUT2 remains low. Determine the duration time
from the linear interpolation between the
SON_100 and SON_12P5 bits setting value,
which is in range of 1.45° to 45° in 32 steps.
Normal PWM Switching Section
During this time, OUT1 continues switching,
and the duty cycle is fixed at the target setting
duty. OUT2 remains low.
Soft Turn-Off Section
During this time, OUT1 continues switching,
and the duty cycle decreases gradually from the
target setting duty cycle to 0 in 16 steps max.
OUT2 remains low. Determine the duration time
from the linear interpolation between the
SOFF_100 and SOFF_12P5 bits setting value,
which is in range of 1.45° to 45° in 32 steps.
Off Section
During this time, OUT1 remains at high
impedance. OUT2 remains low. The time
duration is adaptive from 0° to 45°. In steady
state, this function block tries to maintain the
phase lock of the Hall output falling edge and
winding current zero-crossing edge.
For Hall output low interval, the conducting
phase changes, but the switching sequence
remains the same.
Protection Circuits
The MP6517 is fully protected against over-
voltage,
under-voltage,
over-current,
over-
temperature
events,
and
input
reverse
protection.
Over-Current Protection (OCP)
The MP6517 protects against internal overload
and short circuit by detecting the current flowing
through each MOSFET. If the current flowing
through any MOSFET exceeds the over-current
protection (OCP) threshold after around 1.5µs
of blanking time, that MOSFET turns off
immediately. After approximately 3.6s of delay,
the bridge is re-enabled automatically.
Overload Current Limit
During normal switching, if the current flowing
through the high-side MOSFET (HS-FET) of the
H-bridge exceeds the threshold set by the
register SUCL bits after around 1.5µs of
blanking time, the HS-FET turns off immediately.
The HS-FET resumes switching in the next
switching cycle. The overload current limit is
fixed at around 860mA. To spin-up the fan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com