Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8274M Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ISL8274M
Description  30A/30A Dual-Channel Digital PMBus Step-Down Power Module
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8274M Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ISL8274M Datasheet HTML 14Page - Renesas Technology Corp ISL8274M Datasheet HTML 15Page - Renesas Technology Corp ISL8274M Datasheet HTML 16Page - Renesas Technology Corp ISL8274M Datasheet HTML 17Page - Renesas Technology Corp ISL8274M Datasheet HTML 18Page - Renesas Technology Corp ISL8274M Datasheet HTML 19Page - Renesas Technology Corp ISL8274M Datasheet HTML 20Page - Renesas Technology Corp ISL8274M Datasheet HTML 21Page - Renesas Technology Corp ISL8274M Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 81 page
background image
FN8931 Rev.1.00
Page 18 of 81
Jan 4, 2018
ISL8274M
3. Typical Performance Curves
3.3
Derating Curves
All of the following curves were plotted at TJ = +125°C. The derating curves were measured on the evaluation board. For test conditions,
refer to Table 2 on page 10. Load current is applied per channel, two channels are operating at the same time.
Figure 15. 12VIN to 1VOUT
Figure 16. 5VIN to 1VOUT
Figure 17. 12VIN to 1VOUT
Figure 18. 5VIN to 1VOUT
Figure 19. 12VIN to 1.5VOUT
Figure 20. 5VIN to 1.5VOUT
0
5
10
15
20
25
30
35
25
45
65
85
105
125
Ambient Temperature (
oC)
0LFM
200LFM
400LFM
f
SW = 615kHz
0
5
10
15
20
25
30
35
25
45
65
85
105
125
Ambient Temperature (
oC)
0LFM
200LFM
400LFM
f
SW = 615kHz
0
5
10
15
20
25
30
25
45
65
85
105
125
Ambient Temperature (
oC)
0LFM
200LFM
400LFM
f
SW = 296kHz
0
5
10
15
20
25
30
25
45
65
85
105
125
Ambient Temperature (
oC)
0LFM
200LFM
400LFM
f
SW = 296kHz
0
5
10
15
20
25
30
35
25
45
65
85
105
125
Ambient Temperature (
oC)
0LFM
200LFM
400LFM
f
SW = 889kHz
0
5
10
15
20
25
30
35
25
45
65
85
105
125
Ambient Temperature (
oC)
0LFM
200LFM
400LFM
f
SW = 889kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com