Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8274M Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ISL8274M
Description  30A/30A Dual-Channel Digital PMBus Step-Down Power Module
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8274M Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ISL8274M Datasheet HTML 18Page - Renesas Technology Corp ISL8274M Datasheet HTML 19Page - Renesas Technology Corp ISL8274M Datasheet HTML 20Page - Renesas Technology Corp ISL8274M Datasheet HTML 21Page - Renesas Technology Corp ISL8274M Datasheet HTML 22Page - Renesas Technology Corp ISL8274M Datasheet HTML 23Page - Renesas Technology Corp ISL8274M Datasheet HTML 24Page - Renesas Technology Corp ISL8274M Datasheet HTML 25Page - Renesas Technology Corp ISL8274M Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 81 page
background image
FN8931 Rev.1.00
Page 22 of 81
Jan 4, 2018
ISL8274M
4. Functional Description
The output voltage may also be set to any value between 0.6V and 5V using the PMBus command
VOUT_COMMAND. This device supports dynamic voltage scaling by allowing change to the output voltage set
point during regulation. The voltage transition rate is specified by the PMBus command
VOUT_TRANSITION_RATE.
By default, VOUT_MAX is set to 110% of VOUT set by the pin-strap resistor, which can be changed to any value up
to 5.5V by the PMBus Command VOUT_MAX.
4.3
Soft-Start, Stop Delay, and Ramp Times
The ISL8274M follows an internal start-up procedure after power is applied to the VDD pin. The module requires
approximately 60ms to 70ms to check for specific values stored in its internal memory and programmed by
pin-strap resistors. Once this process is completed, the device is ready to accept commands through the PMBus
interface and the module is ready to be enabled. If the module is to be synchronized to an external clock source, the
clock frequency must be stable before asserting the EN pin.
It may be necessary to set a delay from when an enable signal is received until the output voltage starts to ramp to
its target value. In addition, the designer may wish to precisely set the time required for VOUT to ramp to its target
value after the delay period has expired. These features can be used as part of an overall inrush current management
strategy or to precisely control how fast a load IC is turned on. The ISL8274M gives the system designer several
options for precisely and independently controlling both the delay and ramp time periods. The soft-start delay
period begins when the EN pin is asserted and ends when the delay time expires.
The soft-start delay and ramp-up time can be programmed to custom values using the PMBus commands
TON_DELAY and TON_RISE. When the delay time is set to 0ms, the device begins its ramp-up after the internal
circuitry has initialized (approximately 2ms). When the soft-start ramp period is set to 0ms, the output ramps up as
quickly as the output load capacitance and loop settings allow. It is generally recommended to set the soft-start
ramp to a value greater than 2ms to prevent inadvertent fault conditions due to excessive inrush current.
Similar to the soft-start delay and ramp-up time, the delay and ramp down time for soft-stop/off can be
programmed using the PMBus commands TOFF_DELAY and TOFF_FALL. In addition, the module can be
configured as “immediate off” using the command ON_OFF_CONFIG, so that the internal MOSFETs are turned
off immediately after the delay time expires.
The SS/TRACK pin can be used to program the soft-start/stop delay time and ramp time to some typical values as
well as enable/disable the tracking function shown in Table 4 on page 23.
1.4
68.1
1.65
75
1.8
82.5
1.85
90.9
2
100
2.4
110
2.5
121
2.8
133
3
147
3.6
162
5
178
Table 3. Output Voltage Resistor Settings (Continued)
VOUT1/2 (V)
RSET1/2 (kΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com