Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9219 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL9219
Description  Li-ion Battery Charger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9219 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL9219 Datasheet HTML 3Page - Renesas Technology Corp ISL9219 Datasheet HTML 4Page - Renesas Technology Corp ISL9219 Datasheet HTML 5Page - Renesas Technology Corp ISL9219 Datasheet HTML 6Page - Renesas Technology Corp ISL9219 Datasheet HTML 7Page - Renesas Technology Corp ISL9219 Datasheet HTML 8Page - Renesas Technology Corp ISL9219 Datasheet HTML 9Page - Renesas Technology Corp ISL9219 Datasheet HTML 10Page - Renesas Technology Corp ISL9219 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ISL9219
FN6606 Rev 2.00
Page 7 of 12
April 7, 2010
Theory of Operation
The ISL9219 is an integrated charger for single-cell Li-ion or
Li-polymer batteries. The ISL9219 functions as a traditional
linear charger when powered with a voltage-source adapter.
When powered with a current-limited adapter, the chargers
minimizes the thermal dissipation commonly seen in
traditional linear chargers.
As a linear charger, the ISL9219 charges a battery in the
popular constant current (CC) and constant voltage (CV)
profile. The constant charge current ISET is programmable
up to 1A with an external resistor. The charge voltage VCH
has 0.7% accuracy over the entire recommended operating
condition range. The charger always preconditions the
battery with a 85mA constant current at the beginning of a
charge cycle, until the battery voltage is verified to be above
the minimum fast charge voltage, VMIN. This low-current
preconditioning charge mode is named trickle mode. A
thermal-foldback feature removes the thermal concern
typically seen in linear chargers. The charger reduces the
charge current automatically as the IC internal temperature
rises above +125°C to prevent further temperature rise. The
thermal foldback feature guarantees safe operation when
the printed circuit board (PCB) is space limited for adequate
thermal dissipation.
USB Compliant Current Setting
The ISL9219 is fully compliant with the USB electrical
specification when a USB port is used as the input source.
The input source type can be identified by the host controller.
When the USB connector is plugged in, the host controller
will identify the device during the enumeration process. The
host controller will further identify whether the USB port is a
high power port (500mA max current) or low power port
(100mA max current). The host controller will then drive the
AC_IN and USBI pins thru its GPIO pins, according to the
identification results.
If USB compliance is not required, the AC_IN pin can be
hard wired to VOUT so that the fast charge current is always
set by ISET pin.
Depending on the input source type, the charge current
during the constant current phase is:
ISET: determined by RISET if input is an AC adapter
ISET = 430mA if input is a high power USB port
ISET = 85mA if input is a low power port
Power-Good Range
The power-good range is defined by the following three
conditions:
1. VIN > VOVP
2. VIN - VBAT > VOS
3. VIN < VOVP
where the VOS is the offset voltage for the input and output
voltage comparator and the VOVP is the overvoltage
protection threshold given in the “Electrical Specification”
table on page 2. All VPOR, VOS, and VOVP have hysteresis,
as given in the Electrical Specification table. If the input
voltage is not in the power-good range, the charger will not
charge the battery. If the input voltage is within the power
good range, the PG pin will be connected to VIN through an
internal P-Channel MOSFET with a 20mA current capability.
If the input voltage is not within the power-good range, the
PG will be switched off from VIN and turned into a high
impedance (floating) state. When an overvoltage condition
occurs, the ISL9219 enters the suspended state.
Timeout Function
The charger offers a safety timer for setting the maximum
charge time (TIMEOUT) limit to prevent charging a dead
battery for an extensively long time. The trickle mode is
limited to 1/8 of TIMEOUT limit. The charger automatically
re-charges the battery when the battery voltage drops below
a recharge threshold.
State Indication
Five indication pins, STAT1, STAT2, ACFLT, PG and TRKL
are available from the charger to indicate the charge status
and fault conditions. The STAT1 and STAT2 are configured
to indicate various charging condition as given by the true
table in Table 1:
A fault status is triggered under one of these conditions:
1. The TS pin voltage is outside the preset temperature
window
2. Timeout occurs before the EOC current has been
reached
The ACFLT pin indicates a faulty AC adapter condition. It is
an open drain output which turns off when there is an AC
fault, otherwise stays on. An AC fault condition is defined as
when VIN falls below VACFLT threshold (4.4V) or VIN goes
above VOVP (6.0V).
The TRKL pin indicates that the operation is in trickle charge
mode. It is an open drain output which turns on when the
operation is in trickle mode, otherwise turns off.
The PG pin indicates that VIN is within the power-good
range.
TABLE 1. STAT1 AND STAT2 TRUE TABLE
STAT1
STAT2
CHARGING CONDITION
L
L
Charging
L
H
Charge Complete and during Re-Charge
H
L
Fault
H
H
Suspend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com