Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9219 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL9219
Description  Li-ion Battery Charger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9219 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL9219 Datasheet HTML 4Page - Renesas Technology Corp ISL9219 Datasheet HTML 5Page - Renesas Technology Corp ISL9219 Datasheet HTML 6Page - Renesas Technology Corp ISL9219 Datasheet HTML 7Page - Renesas Technology Corp ISL9219 Datasheet HTML 8Page - Renesas Technology Corp ISL9219 Datasheet HTML 9Page - Renesas Technology Corp ISL9219 Datasheet HTML 10Page - Renesas Technology Corp ISL9219 Datasheet HTML 11Page - Renesas Technology Corp ISL9219 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ISL9219
FN6606 Rev 2.00
Page 9 of 12
April 7, 2010
Charge Current Thermal Foldback
Overheating is always a major concern in a linear charger.
The maximum power dissipation usually occurs at the
beginning of a charge cycle when the battery voltage is at its
minimum but the charge current is at its maximum. The
charge current thermal foldback function in the ISL9219
eliminates the overheating problem.
The thermal foldback function has no impact on the charge
current until the internal temperature reaches approximately
+125°C; then charge current is reduced at a rate of
100mA/°C. For a charger with the constant charge current
set at 1A, the charge current is reduced to zero when the
internal temperature rises to +135°C.
OVP Protection
The ISL9219 is capable for up to 28V at the input pin.
However, reliability reason, the charger will stop charging
should the input voltage exceed 6V. This feature prevents
excessive heating generated by the high input voltages. If an
OVP condition is encountered, the PG pin will turn to high
impedance to indicate the OVP condition, the changer
enters the suspend state and the ACFLT turns to high
impedance. If VIN is within the power good range, the PG
pin is connected to VIN pin internally to provide a 20mA
supply current to the down stream circuit.
NTC Thermistor
The ISL9219 provides a TS pin to monitor the battery
temperature to ensure a safe charging temperature range.
The temperature range is programmable with an external
negative temperature coefficient (NTC) thermistor. The
TEMP pin is also used to detect the removal of the battery.
The ISL9219 uses two comparators (CP2 and CP3) to form a
window comparator, as shown in Figure 2. When the TS pin
voltage is “out of the window,” determined by the VTMIN and
VTMAX, the ISL9219 stops charging and indicates a fault
condition. When the temperature returns to the set range, the
charger re-starts a charge cycle. The two MOSFETs, Q1 and
Q2, produce hysteresis for both upper and lower thresholds.
The temperature window is shown in Figure 1 for a 0°C to
+50°C typical application using a Mitsubishi type
TH11-4H104F thermistor.
Battery Removal Detection
The ISL9219 assumes that the thermistor is co-packed with
the battery and is removed together with the battery. When
the charger senses a TS pin voltage that is 2.25V or higher,
it assumes that the battery is removed. The battery removal
detection circuit is also shown in Figure 2. When a battery is
removed, the ISL9219 enters the suspend state and the
charging is halted. When a battery is inserted again, a new
charge cycle starts.
Shutdown and Suspend State
The ISL9219 can be orderly shutdown by one of these
conditions:
1. EN pin is pulled to logic HI
2. The battery has been removed from the charger. The
battery removal condition can be detected by the TS pin
(see “Battery Removal Detection” on page 9).
When shut down, the charger stays in the suspend state and
draws typically less than 300µA current from the input
power.
Under an OVP condition, the charger also enters the
suspend state.
VTMIN (1.88V)
0V
UNDER
TEMP
OVER
TEMP
TS PIN
VOLTAGE
VTMIN- (1.68V)
VTMAX (0.16V)
VTMAX+ (0.18V)
FIGURE 1. THRESHOLD VOLTAGES FOR 0°C to +50°C
WINDOW
+
-
+
-
TS
GND
2.8V
R2
R3
R4
R5
Q1
Q2
CP2
CP3
UNDER
TEMP
OVER
TEMP
TS FUNCTION
TO TS PIN
VTMIN
VTMAX
RT
+
-
R1
BATTERY
REMOVAL
CP1
VRMV
5
A
FIGURE 2. INTERNAL CIRCUIT FOR NTC INTERFACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com