Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP9518 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP9518
Description  Single-Phase, BLDC, Motor Driver with Integrated Hall Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9518 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP9518 Datasheet HTML 1Page - Monolithic Power Systems MP9518 Datasheet HTML 2Page - Monolithic Power Systems MP9518 Datasheet HTML 3Page - Monolithic Power Systems MP9518 Datasheet HTML 4Page - Monolithic Power Systems MP9518 Datasheet HTML 5Page - Monolithic Power Systems MP9518 Datasheet HTML 6Page - Monolithic Power Systems MP9518 Datasheet HTML 7Page - Monolithic Power Systems MP9518 Datasheet HTML 8Page - Monolithic Power Systems MP9518 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP9518
Single-Phase, BLDC, Motor Driver
with Integrated Hall Sensor
MP9518 Rev.1.0
www.MonolithicPower.com
1
7/24/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MP9518 is a single-phase, brushless, DC
motor driver with integrated power MOSFETs
and a hall-effect sensor. The MP9518 drives
single-phase, brushless, DC fan motors with up
to 1.2A of output current limit. The IC has a
3.3V to 18V input voltage range and input line
reverse-voltage protection to save the external
diode on the supply line.
The MP9518 controls the rotational speed
through the PWM signal on the PWM pin. The
MP9518 has a rotational speed detector feature
and rotor lock fault indication on FG/RD with an
open-drain collector output. The output speed
versus the input duty curve can be programmed
easily for flexible use. To reduce fan driver
audible noise and power loss, the MP9518
features a soft on/off phase transition and
automatic phase-lock function of the motor
winding BEMF and current.
Full protection features include input over-
voltage protection (OVP), under-voltage lockout
(UVLO), rotor deadlocked protection, thermal
shutdown, and input reverse protection.
The MP9518 requires a minimal number of
external components to save solution cost. The
MP9518 is available in a TSOT23-6 package.
FEATURES
 Embedded Hall Sensor with High Sensitivity
 Wide 3.3V to 18V Operating Input Range
 Up to 1.2A Programmable Current Limit
 Integrated Power MOSFETs: Total 850mΩ
(HS + LS)
 Automatic Phase Lock Detection of Winding
BEMF and Current Zero-Crossing
 Soft On/Off Phase Transition
 Rotational Speed Indicator FG Signal
 12kHz to 48kHz PWM Input Frequency
Range
 Fixed 26kHz Output Switching Frequency
 Input Line Reverse-Voltage Protection (RVP)
 Rotor Deadlocked Protection and Automatic
Recovery
 Thermal Protection and Automatic Recovery
 Built-In Input OVP, UVLO, and Automatic
Recovery
 Available in a TSOT23-6 Package
APPLICATIONS
 CPU Fan for Personal Computers or
Servers
 Brushless DC Motors
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS
green
status,
please
visit
the
MPS
website
under
Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
OUT2
GND
1
2
3
6
5
4
VCC
PWM
FG/RD
OUT1
Motor
C1
R1


Similar Part No. - MP9518

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
MP952 PERKINELMER-MP952 Datasheet
53Kb / 3P
Ultra High Sensitivity Gateable Photon Counting Module
More results

Similar Description - MP9518

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8461G FAIRCHILD-FAN8461G Datasheet
301Kb / 14P
Single Phase Full Wave BLDC Motor Driver
logo
Diodes Incorporated
AH5772 DIODES-AH5772 Datasheet
545Kb / 12P
SINGLE PHASE MOTOR DRIVER WITH INTERNAL HALL EFFECT LATCH SENSOR
Rev 1
AH5773 DIODES-AH5773 Datasheet
869Kb / 17P
SINGLE PHASE MOTOR DRIVER WITH INTERNAL HALL EFFECT LATCH SENSOR
Rev 2
AH5775 DIODES-AH5775 Datasheet
871Kb / 12P
SINGLE PHASE MOTOR DRIVER WITH INTERNAL HALL EFFECT LATCH SENSOR
Rev 1
logo
Monolithic Power System...
MP6517 MPS-MP6517 Datasheet
515Kb / 19P
Programmable Single-Phase, BLDC, Motor Driver with Integrated Hall Sensor
logo
Anpec Electronics Corop...
APX9153 ANPEC-APX9153 Datasheet
238Kb / 14P
Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9154A ANPEC-APX9154A Datasheet
216Kb / 12P
Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
logo
Monolithic Power System...
MP6538 MPS-MP6538 Datasheet
747Kb / 14P
100V, Three-Phase, BLDC Motor Pre-Driver with Hall Signal Interface
logo
Princeton Technology Co...
PT2432 PTC-PT2432 Datasheet
539Kb / 6P
3-Phase Sensor-less BLDC Motor Driver
logo
ON Semiconductor
LV8344C ONSEMI-LV8344C Datasheet
2Mb / 29P
24 V Single-Phase BLDC Motor Driver
October, 2020 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com