Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP9518 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP9518
Description  Single-Phase, BLDC, Motor Driver with Integrated Hall Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9518 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP9518 Datasheet HTML 6Page - Monolithic Power Systems MP9518 Datasheet HTML 7Page - Monolithic Power Systems MP9518 Datasheet HTML 8Page - Monolithic Power Systems MP9518 Datasheet HTML 9Page - Monolithic Power Systems MP9518 Datasheet HTML 10Page - Monolithic Power Systems MP9518 Datasheet HTML 11Page - Monolithic Power Systems MP9518 Datasheet HTML 12Page - Monolithic Power Systems MP9518 Datasheet HTML 13Page - Monolithic Power Systems MP9518 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP9518
–SINGLE-PHASE, BLDC, MOTOR DRIVER WITH INTEGRATED HALL SENSOR
MP9518 Rev.1.0
www.MonolithicPower.com
10
7/24/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
To spin-up the fan driver softly during start-up,
the current limit increases from 0 to 860mA in
16 steps (see Figure 3). Each step limit value
lasts for 16 internal hall cycles. In rotor lock
fault cases, the current limit increases with 16
steps with 600ms of detection time.
PWM
Current Limit
FG
Figure 3: Start-Up Waveforms
Thermal Shutdown
Thermal monitoring is also integrated into the
MP9518. If the die temperature rises above
150°C, the MOSFETs of the switching half-
bridge turn off. Once the die temperature has
fallen to a safe level, operation resumes
automatically.
Under-Voltage Lockout (UVLO)
If at any time VCC falls below the under-voltage
lockout threshold (UVLO) voltage, all circuitry in
the device is disabled, and the internal logic is
reset. Operation resumes when VCC rises
above the UVLO threshold.
Rotor Deadlock Protection (RD)
The MP9518 detects the internal hall signal and
outputs a deadlock indication signal to FG/RD if
the FGRD bit is set to 11. If the IC cannot see
the hall signal edge change during the 0.6s
detection time, all MOSFETs of the H-bridge
are turned off. FG/RD is an open-drain output.
After 3.6s of recovery time, the IC attempts to
start up again automatically. FG/RD is pulled
low again only after three hall signal edges are
detected after the rotor lock
condition is
released (see Figure 4).
FG
IO
0.6s
3s
TDET
THOLD
0.6s
TDET
3s
THOLD
Rotor Lock
Lock Release
Figure 4: Rotor Deadlock Protection
Rotor Speed Indication (FG)
The MP9518 outputs a hall detection signal to
FG/RD as speed indication. The output signal
frequency can be the same as the internal hall
sensor output frequency. FG/RD is an open-
drain,
so
it
needs
a
pull-up
resistor
in
application.
Over-Voltage Protection (OVP)
If VCC exceeds the over-voltage threshold
(19V), the IC turns off the H-bridge MOSFETs
until VCC drops. Then the IC resumes normal
operation.
Input Reverse Connection Protection
If the input line is reverse-connected to VCC
and GND, the IC detects such fault conditions
automatically and shuts down to avoid damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com