Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG-T656 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LG-T656
Description  white P-LCC-2 package, colorless clear resin
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LG-T656 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LG-T656 Datasheet HTML 3Page - OSRAM GmbH LG-T656 Datasheet HTML 4Page - OSRAM GmbH LG-T656 Datasheet HTML 5Page - OSRAM GmbH LG-T656 Datasheet HTML 6Page - OSRAM GmbH LG-T656 Datasheet HTML 7Page - OSRAM GmbH LG-T656 Datasheet HTML 8Page - OSRAM GmbH LG-T656 Datasheet HTML 9Page - OSRAM GmbH LG-T656 Datasheet HTML 10Page - OSRAM GmbH LG-T656 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LG T656, LP T656
2006-12-05
7
Durchlassstrom
2) Seite 15
Forward Current
2)
page 15
I
F = f (VF); TA = 25 °C
Relative Lichtstärke
2) 7) Seite 15
Relative Luminous Intensity
2) 7)
page 15
I
V/IV(20 mA) = f (IF); TA = 25 °C
Relative Lichtstärke
2) Seite 15
Relative Luminous Intensity
2)
page 15
I
V / IV(25 °C)= f (Tj); IF = 20 mA
OHL00457
1.4
I
F
V
F
1.6
1.8
2.0
2.2
V 2.6
mA
10-1
100
101
102
OHL03883
(20 mA)
V
V
I
I
I
F
10
0
510
1
10
mA
2
-1
10
10
-2
10
0
1
10
5
5
pure green
green
pure green
green
T
OHL00568
0
V (25 ˚C)
I
-40
˚C
A
I
V
0.5
1.0
1.5
2.0
2.5
3.0
pure-green
green
-20
020
40
60
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com