Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG-T656 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LG-T656
Description  white P-LCC-2 package, colorless clear resin
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LG-T656 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LG-T656 Datasheet HTML 5Page - OSRAM GmbH LG-T656 Datasheet HTML 6Page - OSRAM GmbH LG-T656 Datasheet HTML 7Page - OSRAM GmbH LG-T656 Datasheet HTML 8Page - OSRAM GmbH LG-T656 Datasheet HTML 9Page - OSRAM GmbH LG-T656 Datasheet HTML 10Page - OSRAM GmbH LG-T656 Datasheet HTML 11Page - OSRAM GmbH LG-T656 Datasheet HTML 12Page - OSRAM GmbH LG-T656 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LG T656, LP T656
2006-12-05
9
Maßzeichnung
8) Seite 15
Package Outlines
8)
page 15
Kathodenkennung:
abgeschrägte Ecke
Cathode mark:
bevelled edge
Gewicht / Approx. weight:
38 mg
Gurtung / Polarität und Lage
8) Seite 15
Verpackungseinheit 2000/Rolle, ø330 mm
Method of Taping / Polarity and Orientation
8)
page 15
Packing unit 2000/reel, ø330 mm
3.5 (0.138) max.
0.13 (0.005)
0.18 (0.007)
0.1 (0.004) (typ.)
marking
Package
2.6 (0.102)
2.1 (0.083)
2.3 (0.091)
3.0 (0.118)
GEOY6956
0.4 (0.016)
0.6 (0.024)
0.9 (0.035)
0.7 (0.028)
1.7 (0.067)
2.1 (0.083)
2
1
OHAY0476
1.5 (0.059) 2 (0.079)
4 (0.157)
3 (0.118)
8 (0.315)
Cathode/Collector Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com