Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6301 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HIP6301
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6301 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HIP6301 Datasheet HTML 1Page - Renesas Technology Corp HIP6301 Datasheet HTML 2Page - Renesas Technology Corp HIP6301 Datasheet HTML 3Page - Renesas Technology Corp HIP6301 Datasheet HTML 4Page - Renesas Technology Corp HIP6301 Datasheet HTML 5Page - Renesas Technology Corp HIP6301 Datasheet HTML 6Page - Renesas Technology Corp HIP6301 Datasheet HTML 7Page - Renesas Technology Corp HIP6301 Datasheet HTML 8Page - Renesas Technology Corp HIP6301 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
HIP6301
FN4765 Rev 6.00
Page 3 of 17
December 27, 2004
Simplified Power System Diagram
Functional Pin Description
VID4 (Pin 1), VID3 (Pin 2), VID2 (Pin 3), VID1 (Pin 4)
and VID0 (Pin 5)
Voltage Identification inputs from microprocessor. These pins
respond to TTL and 3.3V logic signals. The HIP6301 decodes
VID bits to establish the output voltage. See Table 1.
COMP (Pin 6)
Output of the internal error amplifier. Connect this pin to the
external feedback and compensation network.
FB (Pin 7)
Inverting input of the internal error amplifier.
FS/DIS (Pin 8)
Channel frequency, FSW, select and disable. A resistor from
this pin to ground sets the switching frequency of the
converter. Pulling this pin to ground disables the converter
and three states the PWM outputs. See Figure 10.
GND (Pin 9)
Bias and reference ground. All signals are referenced to this
pin.
VSEN (Pin 10)
Power good monitor input. Connect to the microprocessor-
CORE voltage.
PWM1 (Pin 15), PWM2 (Pin 14), PWM3 (Pin 11) and
PWM4 (Pin 18)
PWM outputs for each driven channel in use. Connect these
pins to the PWM input of a HIP6601B/2B/3B/4B driver. For
systems which use 3 channels, connect PWM4 high. Two
channel systems connect PWM3 and PWM4 high.
ISEN1 (Pin 16), ISEN2 (Pin 13), ISEN3 (Pin 12) and
ISEN4 (Pin 17)
Current sense inputs from the individual converter channel’s
phase nodes. Unused sense lines MUST be left open.
PGOOD (Pin 19)
Power good. This pin is an open-drain logic signal that
indicates when the microprocessor CORE voltage (VSEN
pin) is within specified limits and Soft-Start has timed out.
VCC (Pin 20)
Bias supply. Connect this pin to a 5V supply.
SYNCHRONOUS
HIP6301
MICROPROCESSOR
VSEN
VID
RECTIFIED BUCK
CHANNEL
SYNCHRONOUS
RECTIFIED BUCK
CHANNEL
SYNCHRONOUS
RECTIFIED BUCK
CHANNEL
SYNCHRONOUS
RECTIFIED BUCK
CHANNEL
PWM 1
PWM 2
PWM 3
PWM 4
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
VID4
VID3
VID2
VID1
VID0
FS/DIS
PWM2
PGOOD
PWM3
ISEN4
ISEN1
VCC
GND
ISEN3
FB
PWM4
VSEN
COMP
PWM1
ISEN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com