Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6301 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HIP6301
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6301 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HIP6301 Datasheet HTML 1Page - Renesas Technology Corp HIP6301 Datasheet HTML 2Page - Renesas Technology Corp HIP6301 Datasheet HTML 3Page - Renesas Technology Corp HIP6301 Datasheet HTML 4Page - Renesas Technology Corp HIP6301 Datasheet HTML 5Page - Renesas Technology Corp HIP6301 Datasheet HTML 6Page - Renesas Technology Corp HIP6301 Datasheet HTML 7Page - Renesas Technology Corp HIP6301 Datasheet HTML 8Page - Renesas Technology Corp HIP6301 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
HIP6301
FN4765 Rev 6.00
Page 4 of 17
December 27, 2004
Typical Application - 2 Phase Converter Using HIP6601B Gate Drivers
MAIN
CONTROL
HIP6301
VID3
VID0
PGOOD
FB
+5V
COMP
PWM3
PWM2
PWM1
ISEN3
ISEN2
ISEN1
VSEN
DRIVER
HIP6601B
PWM
VCC
BOOT
UGATE
PHASE
LGATE
VIN = +5V
PVCC
PWM
VCC
BOOT
UGATE
PHASE
LGATE
VIN = +5V
DRIVER
HIP6601B
PVCC
FS/DIS
PWM4
ISEN4
NC
GND
GND
GND
VCC
+VCORE
NC
+12V
+12V
VID2
VID4
VID1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com