Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6413 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL6413
Description  Triple Output Regulator with Single Synchronous Buck and Dual LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6413 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL6413 Datasheet HTML 1Page - Renesas Technology Corp ISL6413 Datasheet HTML 2Page - Renesas Technology Corp ISL6413 Datasheet HTML 3Page - Renesas Technology Corp ISL6413 Datasheet HTML 4Page - Renesas Technology Corp ISL6413 Datasheet HTML 5Page - Renesas Technology Corp ISL6413 Datasheet HTML 6Page - Renesas Technology Corp ISL6413 Datasheet HTML 7Page - Renesas Technology Corp ISL6413 Datasheet HTML 8Page - Renesas Technology Corp ISL6413 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FN9129 Rev 0.00
Page 1 of 13
Oct 29, 2003
FN9129
Rev 0.00
Oct 29, 2003
ISL6413
Triple Output Regulator with Single Synchronous Buck and Dual LDO
DATASHEET
The ISL6413 is a highly integrated triple output regulator
which provides a single chip solution for wireless chipset
power management. The device integrates high efficiency
synchronous buck regulator with two ultra low noise LDO
regulators. The IC accepts an input voltage range of 3.0V to
3.6V and provides three regulated output voltages: 1.8V
(PWM), 2.84V (LDO1), and another ultra-clean 2.84V
(LDO2).
The Synchronous current mode PWM regulator with
integrated N- and P-channel power MOSFET provides pre-
set 1.8V for BBP/MAC core supply. Synchronous
rectification with internal MOSFETs is used to achieve higher
efficiency and reduced number of external components.
Operating frequency is typically 750kHz allowing the use of
smaller inductor and capacitor values. The device can be
synchronized to an external clock signal in the range of
500kHz to 1MHz. The PG_PWM output indicates loss of
regulation on PWM output.
The ISL6413 also has two LDO regulators which use an
internal PMOS transistor as the pass device. LDO2 features
ultra low noise that does not typically exceed 30µV RMS to
aid VCO stability. The EN_LDO pin controls LDO1 and
LDO2 outputs. The ISL6413 also integrates a RESET
function, which eliminates the need for additional RESET IC
required in WLAN applications. The IC asserts a RESET
signal whenever the VIN supply voltage drops below a preset
threshold, keeping it asserted for at least 25ms after VIN has
risen above the reset threshold. The PG_LDO output
indicates loss of regulation on either of the two LDO outputs.
Other features include over current protection for all three
outputs and thermal shutdown.
High integration and the thin Quad Flat No-lead (QFN)
package makes ISL6413 an ideal choice to power many of
today’s small form factor industry standard wireless cards
such as PCMCIA, mini-PCI and Cardbus-32.
Features
• Fully Integrated Synchronous Buck Regulator + Dual LDO
• High Output Current (For QFN package)
- PWM, 1.8V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400mA
- LDO1, 2.84V. . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mA
- LDO2, 2.84V. . . . . . . . . . . . . . . . . . . . . . . . . . . . 200mA
• Ultra-Compact DC-DC Converter Design
• Stable with Small Ceramic Output Capacitors
• High conversion efficiency
• Low Shutdown supply current
• Ultra-Low Dropout Voltage for LDOs
- LDO1, 2.84V. . . . . . . . . . . . . . . 125mV (typ.) at 300mA
- LDO2, 2.84V. . . . . . . . . . . . . . . 100mV (typ.) at 200mA
• Ultra-Low Output Voltage Noise
- <30µVRMS (typ.) for LDO2 (VCO Supply)
• PG_LDO, PG_PWM and PG_PWM outputs
• Extensive circuit protection and monitoring features
- Over voltage protection
- Over current protection
- Shutdown
- Thermal Shutdown
• Integrated RESET output for microprocessor reset
• Proven Reference Design for Total WLAN System
Solution
• QFN Package
- Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat
No Leads - Product Outline
- Near Chip-Scale Package Footprint Improves PCB
Efficiency and Is Thinner in Profile
Applications
•WLAN Cards
- PCMCIA, Cardbus32, MiniPCI Cards
- Compact Flash Cards
• Liberty Chipset
• Hand-Held Instruments
Related Literature
• TB363 - Guidelines for Handling and Processing Moisture
Sensitive Surface Mount Devices (SMDs)
• TB389 - PCB Land Pattern Design and Surface Mount
Guidelines for QFN Packages
Ordering Information
PART NUMBER TEMP. RANGE (oC) PACKAGE PKG. DWG. #
ISL6413IR
-40 to 85
24 Ld QFN L24.4x4B


Similar Part No. - ISL6413

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6413 INTERSIL-ISL6413 Datasheet
380Kb / 12P
Triple Output Regulator with Single Synchronous Buck and Dual LDO
October 2003
ISL6413IR INTERSIL-ISL6413IR Datasheet
380Kb / 12P
Triple Output Regulator with Single Synchronous Buck and Dual LDO
October 2003
More results

Similar Description - ISL6413

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6413 INTERSIL-ISL6413 Datasheet
380Kb / 12P
Triple Output Regulator with Single Synchronous Buck and Dual LDO
October 2003
ISL6415 INTERSIL-ISL6415 Datasheet
117Kb / 2P
Triple Output Regulator with Single Synchronous Buck and Dual LDO
December 27, 2004
logo
Advanced Analogic Techn...
AAT2782 ANALOGICTECH-AAT2782 Datasheet
3Mb / 22P
Triple Output PMIC: Dual Buck with Low-VIN LDO
AAT2783 ANALOGICTECH-AAT2783 Datasheet
1Mb / 22P
Triple Output PMIC: Dual Buck with Low-VIN LDO
logo
Richtek Technology Corp...
RT8204AGQW RICHTEK-RT8204AGQW Datasheet
405Kb / 19P
Single Synchronous Buck with LDO Controller
logo
Texas Instruments
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
Skyworks Solutions Inc.
AAT2782 SKYWORKS-AAT2782_12 Datasheet
3Mb / 22P
Triple-Output PMIC Dual Buck with Low-VIN LDO
AAT2783 SKYWORKS-AAT2783_12 Datasheet
3Mb / 22P
Triple-Output PMIC Dual Buck with Low-VIN LDO
logo
Renesas Technology Corp
ISL6455 RENESAS-ISL6455 Datasheet
663Kb / 13P
Triple Output Regulator with Single Synchronous Buck and Dual LDO
ISL6415 RENESAS-ISL6415 Datasheet
680Kb / 13P
Triple Output Regulator with Single Synchronous Buck and Dual LDO
Dec 27, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com