Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6413 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL6413
Description  Triple Output Regulator with Single Synchronous Buck and Dual LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6413 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL6413 Datasheet HTML 1Page - Renesas Technology Corp ISL6413 Datasheet HTML 2Page - Renesas Technology Corp ISL6413 Datasheet HTML 3Page - Renesas Technology Corp ISL6413 Datasheet HTML 4Page - Renesas Technology Corp ISL6413 Datasheet HTML 5Page - Renesas Technology Corp ISL6413 Datasheet HTML 6Page - Renesas Technology Corp ISL6413 Datasheet HTML 7Page - Renesas Technology Corp ISL6413 Datasheet HTML 8Page - Renesas Technology Corp ISL6413 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ISL6413
FN9129 Rev 0.00
Page 2 of 13
Oct 29, 2003
Pinout
ISL6413 (QFN)
TOP VIEW
Typical Application Schematic
GND_LDO
VOUT1
CC1
VOUT
CC2
VOUT2
PG_PWM
PG_PWM
SYNC
NC
EN_PWM
PG_LDO
1
2
3
4
5
6
18
17
16
15
14
13
24
23
22
21
20
19
78
9
10
11
12
1
3
4
23
24
22
21
2
16
14
13
15
8
79
10
GND_LDO
VOUT1
CC1
5
6
11
12
18
17
20
19
VOUT
CC2
VOUT2
PG_PWM
PG_PWM
SYNC
NC
EN
PG_LDO
10
F
C7
L1
10
H
1.8V
2.84V
2.84V
C6 33nF
C4
10
F
10
F
C3
C2
33nF
3.3V
C8
C9
C10
R1
10K
R3
10K
3.3V
3.3V
4.7
F
C5
C1
10nF
0.1
F
1.0
F
10
F
NOTE: All capacitors are ceramic.
ISL6413



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com